Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1591
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 5Page - Linear Technology LTC1591 Datasheet HTML 6Page - Linear Technology LTC1591 Datasheet HTML 7Page - Linear Technology LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology LTC1591 Datasheet HTML 10Page - Linear Technology LTC1591 Datasheet HTML 11Page - Linear Technology LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2757
9
2757f
PIN FUNCTIONS
VOSADJ(Pin39):DACOffsetAdjustPin.Thisvoltage-control
pin can be used to null unipolar offset or bipolar zero error.
The offset change expressed in LSB is the same for any
output range. See
System Offset and Gain Adjustments in
the Operation section. Tie to ground if not used.
IOUT1 (Pin 40): DAC current output; normally tied to the
negative input (summing junction) of the I/V converter
amplifier.
RFB (Pins 41, 42): DAC Feedback Resistor. Normally tied
to the output of the I/V converter amplifier. The DAC output
current from IOUT1 flows through the feedback resistor to
the RFB pins. These pins are internally shorted together.
ROFS (Pins 43, 44): Bipolar Offset Network. These pins
provide the translation of the output voltage range for
bipolar spans. Accepts up to ±15V; normally tied to the
positive reference voltage. These pins are internally shorted
together.
REF (Pins 45, 46): Feedback Resistor for the Reference
Inverting Amplifier, and Reference Input for the DAC.
Normally tied to the output of the reference inverting
amplifier. Typically –5V; accepts up to ±15V. These pins
are internally shorted together.
RCOM (Pin 47): Center Tap Point of RIN and REF. Normally
tied to the negative input of the external reference invert-
ing amplifier.
GEADJ (Pin 48): Gain Adjust Pin. This voltage-control
pin can be used to null gain error or to compensate for
reference errors. The gain error change expressed in LSB
is the same for any output range. See
System Offset and
Gain Adjustments in the Operation section. Tie to ground
if not used.
36
35
34
33
20
21
18-BIT DAC WITH SPAN SELECT
DAC
REGISTER
INPUT
REGISTER
RCOM
RIN
1, 2
R2
20k
R1
20k
ROFS
43, 44
REF
45, 46
RFB
41, 42
IOUT1
VOSADJ
2.56M
IOUT2F
IOUT2S
WR
UPD
READ
D/S
CLR
M-SPAN
2757 BD
CONTROL
LOGIC
3
3
3
I/O
PORT
DAC
REGISTER
INPUT
REGISTER
18
18
18
I/O
PORT
40
39
47
GEADJ
48
6
5
3, 37, 38
SPAN I/O
S2-S0
8-16, 23-31
DATA I/O
D17-D0
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com