Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1591
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology LTC1591 Datasheet HTML 14Page - Linear Technology LTC1591 Datasheet HTML 15Page - Linear Technology LTC1591 Datasheet HTML 16Page - Linear Technology LTC1591 Datasheet HTML 17Page - Linear Technology LTC1591 Datasheet HTML 18Page - Linear Technology LTC1591 Datasheet HTML 19Page - Linear Technology LTC1591 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2757
16
2757f
APPLICATIONS INFORMATION
Table 5 contains a partial list of LTC precision op amps
recommended for use with the LTC2757. The easy-to-use
design equations simplify the selection of op amps to meet
the system’s specified error budget. Select the amplifier
from Table 5 and insert the specified op amp parameters
in Table 4. Add up all the errors for each category to de-
termine the effect the op amp has on the accuracy of the
part. Arithmetic summation gives an (unlikely) worst-case
effect. A root-sum-square (RMS) summation produces a
more realistic estimate.
Op amp offset contributes mostly to DAC output offset
and gain error, and has minimal effect on INL and DNL.
For example, consider the LTC2757 in unipolar 5V output
range. (Note that for this example, the LSB size is 19μV.)
An op amp offset of 35μV will cause 1.8LSB of output
offset, and 1.8LSB of gain error; but 0.4LSB of INL, and
just 0.1LSB of DNL.
While not directly addressed by the simple equations in
Tables 3 and 4, temperature effects can be handled just as
easily for unipolar and bipolar applications. First, consult
an op amp’s data sheet to find the worst-case VOS and IB
over temperature. Then, plug these numbers in the VOS
and IB equations from Table 4 and calculate the tempera-
ture-induced effects.
For applications where fast settling time is important, Ap-
plication Note 120,
1ppm Settling Time Measurement for
a Monolithic 18-Bit DAC, offers a thorough discussion of
18-bit DAC settling time and op amp selection.
Recommendations
To achieve the full specified static and dynamic performance
of the LTC2757, the LT1468 amplifier is recommended;
it offers a unique combination of fast settling and excel-
lent DC precision. When using the LT1468 as an output
amp, however, the offset voltage (75μV max) must be
nulled to avoid degrading the linearity of the LTC2757.
The LT1468 datasheet shows how to do this with a digital
potentiometer.
For DC or low-frequency applications, the LTC1150 is the
simplest 18-bit accurate output amplifier. An auto-zero
amp, its exceptionally low offset (10μV max) and offset
drift (0.01μV/°C) make nulling unnecessary. Note: for
swings above 8V, use an LT1010 buffer to boost the load
current capability of the LTC1150. The settling of auto-zero
amps is a special case; see Application Note 120,
1ppm
Settling Time Measurement for a Monolithic 18-Bit DAC,
Appendix E, for details.
The LT1012 and LT1001 are good intermediate output-amp
solutions that achieve moderate speed and good accuracy.
They are also excellent choices for the reference inverting
amplifier in fixed-reference applications.
Figure 3 shows a composite output amplifier that achieves
fast settling (8μs) and very low offset (3μV max) without
offset nulling. This circuit offers high open-loop gain
(1000V/mV min), low input bias current (0.15nA max),
fast slew rate (25V/μs min), and a high gain-bandwidth
product (30MHz typ). The high speed path consists of
an LTC6240, which is an 18MHz ultra-low bias current
amplifier, followed by an LT1360, a 50MHz fast-slewing
amplifier which provides additional gain and the ability to
Table 5. Partial List of LTC Precision Amplifiers Recommended for Use with the LTC2757 with Relevant Specifications
AMPLIFIER
AMPLIFIER SPECIFICATIONS
VOS
μV
IB
nA
AVOL
V/mV
VOLTAGE
NOISE
nV/√Hz
CURRENT
NOISE
pA/√Hz
SLEW
RATE
V/μs
GAIN BANDWIDTH
PRODUCT
MHz
tSETTLING
with LTC2757
μs
POWER
DISSIPATION
mW
LTC1150
10
0.05
5600
90
0.0018
3
2.5
10ms
24
LT1001
25
2
800
10
0.12
0.25
0.8
120
46
LT1012
25
0.1
2000
14
0.02
0.2
1
120
11.4
LT1097
50
0.35
2500
14
0.008
0.2
0.7
120
11
LT1468
75
10
5000
5
0.6
22
90
2.1
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com