Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1591
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 5 Page - Linear Technology

  LTC1591 Datasheet HTML 1Page - Linear Technology LTC1591 Datasheet HTML 2Page - Linear Technology LTC1591 Datasheet HTML 3Page - Linear Technology LTC1591 Datasheet HTML 4Page - Linear Technology LTC1591 Datasheet HTML 5Page - Linear Technology LTC1591 Datasheet HTML 6Page - Linear Technology LTC1591 Datasheet HTML 7Page - Linear Technology LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2757
5
2757f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLR Timing
t25
CLR Pulse Width Low
l
20
ns
VDD = 2.7V to 3.3V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
l
18
ns
t2
I/O Valid to WR Rising Edge Hold
l
18
ns
t3
WR Pulse Width
l
30
ns
t4
UPD Pulse Width
l
30
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
l
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 12)
l
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
l
18
ns
t8
WR Rising Edge to D/S Valid Hold Time
l
18
ns
Readback Timing
t13
WR Rising Edge to Read Rising Edge
l
18
ns
t14
Read Falling Edge to WR Falling Edge
(Note 12)
l
40
ns
t15
Read Rising Edge to I/O Propagation Delay
CL = 10pF
l
48
ns
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
l
48
ns
t18
D/S Valid to Read Rising Edge
(Note 12)
l
18
ns
t19
Read Rising Edge to UPD Rising Edge
No Update
l
9ns
t20
UPD Falling Edge to Read Falling Edge
No Update
l
9ns
t22
READ Falling Edge to UPD Rising Edge
(Note 12)
l
18
ns
t23
I/O Bus Hi-Z to Read Rising Edge
(Note 12)
l
0ns
t24
Read Falling Edge to I/O Bus Active
(Note 12)
l
40
ns
CLR Timing
t25
CLR Pulse Width Low
l
30
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 3: Temperature Coefficient is calculated by dividing the maximum
change in the parameter by the specified temperature range.
Note 4: R1 is measured from RIN to RCOM; R2 is measured from REF to
RCOM.
Note 5: Parallel combination of the resistances from REF to IOUT1 and from
REF to IOUT2. DAC input resistance is independent of code.
Note 6: Because of the proprietary SoftSpan switching architecture, the
measured resistance looking into each of the specified pins is constant for
all output ranges if the IOUT1 and IOUT2 pins are held at ground.
TIMING CHARACTERISTICS V
DD = 5V, V(RIN) = 5V unless otherwise specified. The l denotes specifications that
apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Note 7: Using LT1468 with CFEEDBACK = 27pF. A ±0.0004% settling time
of 1.8μs can be achieved by optimizing the time constant on an individual
basis. See Application Note 120,
1ppm Settling Time Measurement for a
Monolithic 18-Bit DAC.
Note 8: Measured at the major carry transition, 0V to 5V range. Output
amplifier: LT1468; CFB = 50pF.
Note 9: Zero-code to full-code transition; REF = 0V. Falling transition is
similar or better.
Note 10: REF = 6VRMS at 1kHz. 0V to 5V range. DAC code = FS. Output
amplifier = LT1468.
Note 11: Calculation from Vn = √4kTRB, where k = 1.38E-23 J/°K
(Boltzmann constant), R = resistance (
Ω), T = temperature (°K), and B =
bandwidth (Hz).
Note 12: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com