Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1591
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology LTC1591 Datasheet HTML 10Page - Linear Technology LTC1591 Datasheet HTML 11Page - Linear Technology LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology LTC1591 Datasheet HTML 14Page - Linear Technology LTC1591 Datasheet HTML 15Page - Linear Technology LTC1591 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2757
12
2757f
Figure 1. Configuring the LTC2757 for
Single-Span Operation (±10V Range)
OPERATION
The most common readback task is to check the contents
of an Input register after writing to it, and before updating
the new data to the DAC register. To do this, hold UPD low
and assert READ high. The contents of the selected port’s
Input register are output to its I/O pins.
To read back the contents of a DAC register, hold UPD low
and assert READ high, then bring UPD high to select the
DAC register. The contents of the selected DAC register are
output by the selected port’s I/O pins. Note: if no update is
desired after the readback operation, UPD must be returned
low before bringing READ low, otherwise the UPD pin will
revert to its primary function and update the DAC.
Table 2. Span Codes
S2
S1
S0
SPAN
0
0
0
Unipolar 0V to 5V
0
0
1
Unipolar 0V to 10V
0
1
0
Bipolar –5V to 5V
0
1
1
Bipolar –10V to 10V
1
0
0
Bipolar –2.5V to 2.5V
1
0
1
Bipolar –2.5V to 7.5V
Codes not shown are reserved and should not be used.
Readback
The contents of any one of the four interface registers can
be read back from the I/O ports by using the READ pin in
conjunction with the D/S and UPD pins.
The I/O pins and registers are grouped into two ports—Data
and Span. The Data I/O port consists of pins D0-D17, and
the Span I/O port consists of pins S0, S1 and S2.
Each I/O port has one dedicated Input register and one
dedicated DAC register. The register structure is shown
in the Block Diagram.
A Readback operation is initiated by asserting READ to
logic high after selecting the desired I/O port.
Select the I/O port (Data or Span) to be read back with
the D/S pin. The selected I/O port’s pins become logic
outputs during readback, while the unselected I/O port’s
pins remain high-impedance digital inputs.
With the I/O port selected, assert READ high and select
the desired Input or DAC register using the UPD pin. Note
that UPD is a two function pin—the Update function is only
available when READ is low. If READ is high, the Update
function is disabled and the UPD pin instead functions
as a register selector, selecting an Input or DAC register
for readback. Table 1 shows the readback functions for
the LTC2757.
Table 1. Write, Update and Read Functions
READ D/S
WR UPD
SPAN I/O
DATA I/O
0
0
0
0
-
Write to Input Register
0
0
0
1
-
Write/Update
(Transparent)
00
1
0
-
-
0
0
1
1
Update DAC Register
Update DAC Register
0
1
0
0
Write to Input Register
-
0
1
0
1
Write/Update
(Transparent)
-
01
1
0
-
-
0
1
1
1
Update DAC register
Update DAC Register
1
0
X
0
-
Read Input Register
1
0
X
1
-
Read DAC Register
1
1
X
0
Read Input Register
-
1
1
X
1
Read DAC Register
-
X = Don’t Care
LTC2757
M-SPAN
S2
S1
S0
D/S
VDD
2757 F01
WR UPD READ
DATA I/O
18
VDD
System Offset and Gain Adjustments
Many systems require compensation for overall system
offset. This may be an order of magnitude or more greater
than the offset of the LTC2757, which is so low as to be
dominated by external output amplifier errors even when
using the most precise op amps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com