Electronic Components Datasheet Search
  English  ▼

X  

10F222 Datasheet(PDF) 42 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 42 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 38Page - Microchip Technology 10F222 Datasheet HTML 39Page - Microchip Technology 10F222 Datasheet HTML 40Page - Microchip Technology 10F222 Datasheet HTML 41Page - Microchip Technology 10F222 Datasheet HTML 42Page - Microchip Technology 10F222 Datasheet HTML 43Page - Microchip Technology 10F222 Datasheet HTML 44Page - Microchip Technology 10F222 Datasheet HTML 45Page - Microchip Technology 10F222 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
PIC10F220/222
DS41270E-page 40
© 2007 Microchip Technology Inc.
8.8
Reset on Brown-out
A Brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and then
recovers. The device should be reset in the event of a
Brown-out.
To reset PIC10F220/222 devices when a Brown-out
occurs, external Brown-out protection circuits may be
built, as shown in Figure 8-7 and Figure 8-8.
FIGURE 8-7:
BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 8-8:
BROWN-OUT
PROTECTION CIRCUIT 2
FIGURE 8-9:
BROWN-OUT
PROTECTION CIRCUIT 3
8.9
Power-down Mode (Sleep)
A device may be powered down (Sleep) and later
powered up (wake-up from Sleep).
8.9.1
SLEEP
The Power-Down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low or high-impedance).
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the GP3/
MCLR/VPP pin must be at a logic high level if MCLR is
enabled.
Note
1:
This circuit will activate Reset when VDD goes
below Vz + 0.7V (where Vz = Zener voltage).
2:
Pin must be configured as MCLR.
33k
10k
40k(1)
VDD
MCLR(2)
PIC10F22X
VDD
Q1
Note
1:
This brown-out circuit is less expensive,
although less accurate. Transistor Q1 turns
off when VDD is below a certain level such
that:
2:
Pin must be configured as MCLR.
VDD •
R1
R1 + R2
= 0.7V
R2
40k(1)
VDD
MCLR(2)
PIC10F22X
R1
Q1
VDD
Note:
A Reset generated by a WDT time-out
does not drive the MCLR pin low.
Note 1:
This Brown-out Protection circuit employs
Microchip Technology’s MCP809 micro-
controller supervisor. There are 7 different
trip point selections to accommodate 5V to
3V systems.
2:
Pin must be configured as MCLR.
MCLR
(2)
PIC10F22X
VDD
VDD
VSS
RST
MCP809
VDD
Bypass
Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com