Electronic Components Datasheet Search
  English  ▼

X  

10F222 Datasheet(PDF) 57 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 57 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 53Page - Microchip Technology 10F222 Datasheet HTML 54Page - Microchip Technology 10F222 Datasheet HTML 55Page - Microchip Technology 10F222 Datasheet HTML 56Page - Microchip Technology 10F222 Datasheet HTML 57Page - Microchip Technology 10F222 Datasheet HTML 58Page - Microchip Technology 10F222 Datasheet HTML 59Page - Microchip Technology 10F222 Datasheet HTML 60Page - Microchip Technology 10F222 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 55
PIC10F220/222
10.3
DC Characteristics: PIC10F220/222 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
≤ TA ≤ +85°C (industrial)
-40°C
≤ TA ≤ +125°C (extended)
Operating voltage VDD range as described in DC specification
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
Vss
—
0.8
V
For all 4.5
≤ VDD ≤ 5.5V
D030A
Vss
—
0.15 VDD
V
Otherwise
D031
with
Schmitt
Trigger
buffer
Vss
—
0.2 VDD
V
D032
MCLR, T0CKI
Vss
—
0.2 VDD
V
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5
≤ VDD ≤ 5.5V
D040A
0.25 VDD + 0.8
—
VDD
V
Otherwise
D041
with
Schmitt
Trigger
buffer
0.8VDD
—VDD
V
For entire VDD range
D042
MCLR, T0CKI
0.8VDD
—VDD
V
D070
IPUR
GPIO weak pull-up current
50
250
400
μAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(1)
D060
I/O ports
—
±0.1
± 1
μAVss ≤ VPIN ≤ VDD, Pin at high-imped-
ance
D061
GP3/MCLR(2)
—±0.7
± 5
μAVss ≤ VPIN ≤ VDD
Output Low Voltage
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V, -40
°C to
+85
°C
D080A
—
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V, -40
°C to
+125
°C
Output High Voltage
D090
I/O ports(2)
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V, -40
°C to
+85
°C
D090A
VDD – 0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V, -40
°C to
+125
°C
Capacitive Loading Specs on Output Pins
D101
All I/O pins
—
—
50*
pF
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
*
These parameters are for design guidance only and are not tested.
Note
1:
Negative current is defined as coming out of the pin.
2:
This specification applies when GP3/MCLR is configured as an input with pull-up disabled. The leakage current of the
MCLR circuit is higher than the standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com