Electronic Components Datasheet Search
  English  ▼

X  

10F222 Datasheet(PDF) 62 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 62 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 58Page - Microchip Technology 10F222 Datasheet HTML 59Page - Microchip Technology 10F222 Datasheet HTML 60Page - Microchip Technology 10F222 Datasheet HTML 61Page - Microchip Technology 10F222 Datasheet HTML 62Page - Microchip Technology 10F222 Datasheet HTML 63Page - Microchip Technology 10F222 Datasheet HTML 64Page - Microchip Technology 10F222 Datasheet HTML 65Page - Microchip Technology 10F222 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
PIC10F220/222
DS41270E-page 60
© 2007 Microchip Technology Inc.
TABLE 10-5:
A/D CONVERTER CHARACTERISTICS
TABLE 10-6:
A/D CONVERSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
8 bits
bit
A03
EIL
Integral Error
—
—
±1.5
LSb
A04
EDL
Differential Error
—
—
-1 < EDL
≤ + 1.5
LSb
A05
EFS
Full-scale Range
2.0*
—
5.5*
V
A06
EOFF
Offset Error
—
—
±1.5
LSb
A07
EGN
Gain Error
—
—
±1.5
LSb
A10
—
Monotonicity
—
guaranteed(1)
——
VSS
≤ VAIN ≤ VDD
A25
VAIN
Analog Input Voltage
VSS
—VDD
V
A30
ZAIN
Recommended
Impedence of Analog
Voltage Source
——
10
k
Ω
A31*
ΔIAD
A/D Conversion Current(2)
—
120
150
μA2.0V
—
200
250
μA5.0V
*
These parameters are characterized but not tested.
† Data in the “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only are not tested.
Note 1:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
2:
This is the additional current consumed by the A/D module when it is enabled; this current adds to base
IDD.
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
AD131
TCNV
Conversion Time
(not including
Acquisition Time)
—13
—
TCY
Set GO/DONE bit to new data in A/D
Result register
AD132* TACQ
Acquisition Time(1)
—3.5
5
—
μs
μs
VDD = 5V
VDD = 2.5V
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The Section 7.9 “A/D Acquisition Requirements” for information on how to compute minimum
acquisition times based on operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com