Electronic Components Datasheet Search
  English  ▼

X  

GTL2007 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2007
Description  12-bit GTL to LVTTL translator with power good control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2007 Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2007 Datasheet HTML 1Page - NXP Semiconductors GTL2007 Datasheet HTML 2Page - NXP Semiconductors GTL2007 Datasheet HTML 3Page - NXP Semiconductors GTL2007 Datasheet HTML 4Page - NXP Semiconductors GTL2007 Datasheet HTML 5Page - NXP Semiconductors GTL2007 Datasheet HTML 6Page - NXP Semiconductors GTL2007 Datasheet HTML 7Page - NXP Semiconductors GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GTL2007_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2007
2 of 20
NXP Semiconductors
GTL2007
12-bit GTL to LVTTL translator with power good control
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cio
input/output capacitance
A port; VO = 3.0 V or 0 V
-
2.5
3.5
pF
B port; VO =VTT or 0 V
-
1.5
2.5
pF
Vref = 0.73 V; VTT = 1.1 V
tPLH
LOW-to-HIGH
propagation delay
nA to nB; see Figure 4
14
8
ns
nBI to nAO; see Figure 5
2
5.5
10
ns
tPHL
HIGH-to-LOW
propagation delay
nA to nB; see Figure 4
2
5.5
10
ns
nBI to nAO; see Figure 5
2
5.5
10
ns
Vref = 0.76 V; VTT = 1.2 V
tPLH
LOW-to-HIGH
propagation delay
nA to nB; see Figure 4
14
8
ns
nBI to nAO; see Figure 5
2
5.5
10
ns
tPHL
HIGH-to-LOW
propagation delay
nA to nB; see Figure 4
2
5.5
10
ns
nBI to nAO; see Figure 5
2
5.5
10
ns
Table 2.
Ordering information
Tamb = −40 °C to +85 °C.
Type number
Topside
mark
Package
Name
Description
Version
GTL2007PW
GTL2007
TSSOP28
plastic thin shrink small outline package;
28 leads; body width 4.4 mm
SOT361-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com