Electronic Components Datasheet Search
  English  ▼

X  

GTL2007 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL2007
Description  12-bit GTL to LVTTL translator with power good control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2007 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL2007 Datasheet HTML 3Page - NXP Semiconductors GTL2007 Datasheet HTML 4Page - NXP Semiconductors GTL2007 Datasheet HTML 5Page - NXP Semiconductors GTL2007 Datasheet HTML 6Page - NXP Semiconductors GTL2007 Datasheet HTML 7Page - NXP Semiconductors GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors GTL2007 Datasheet HTML 10Page - NXP Semiconductors GTL2007 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GTL2007_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2007
7 of 20
NXP Semiconductors
GTL2007
12-bit GTL to LVTTL translator with power good control
8.
Application design-in information
Fig 3.
Typical application
THRMTRIP L
CPU1
IERR_L
FORCEPR_L
CPU2 DISABLE_L
GTL2007
PROCHOT L
FORCEPR_L
PROCHOT L
THRMTRIP L
IERR_L
CPU1 DISABLE_L
CPU2
NMI
NMI
10BO2
10BO1
4BI
3BI
6BI
5BI
EN2
7BO2
7BO1
2BI
1BI
1AO
2AO
5A
6A
11A
3AO
4AO
10AI1
10AI2
EN1
GND
9BI
9AO
PLATFORM
HEALTH
MANAGEMENT
CPU1 1ERR_L
CPU1 THRMTRIP L
CPU1 PROCHOT L
CPU2 PROCHOT L
NMI_L
CPU2 1ERR_L
CPU2 THRMTRIP L
CPU1 SMI L
CPU2 SMI L
SMI_BUFF_L
SOUTHBRIDGE NMI
SOUTHBRIDGE SMI_L
power supply
POWER GOOD
1.5 k
Ω to 1.2 kΩ
VCC
VTT
56
Ω
1.5 k
Ω
R
2R
VREF
11B1
VCC
VCC
11B0
002aab211
56
Ω
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com