Electronic Components Datasheet Search
  English  ▼

X  

GTL2007 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # GTL2007
Description  12-bit GTL to LVTTL translator with power good control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2007 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button GTL2007 Datasheet HTML 5Page - NXP Semiconductors GTL2007 Datasheet HTML 6Page - NXP Semiconductors GTL2007 Datasheet HTML 7Page - NXP Semiconductors GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors GTL2007 Datasheet HTML 10Page - NXP Semiconductors GTL2007 Datasheet HTML 11Page - NXP Semiconductors GTL2007 Datasheet HTML 12Page - NXP Semiconductors GTL2007 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
GTL2007_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2007
9 of 20
NXP Semiconductors
GTL2007
12-bit GTL to LVTTL translator with power good control
11. Static characteristics
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
[2]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[3]
This is the increase in supply current for each input that is at the specified LVTTL voltage level rather than VCC or GND.
Table 12.
Static characteristics
Recommended operating conditions; voltages are referenced to GND (ground = 0 V). Tamb = −40 °C to +85 °C.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VOH
HIGH-level output
voltage
A port; VCC = 3.0 V to 3.6 V;
IOH = −100 µA
[2] VCC − 0.2
3.0
-
V
A port; VCC = 3.0 V; IOH = −16 mA
[2] 2.1
2.3
-
V
VOL
LOW-level output
voltage
A port; VCC = 3.0 V; IOL =4mA
[2] -
0.15
0.4
V
A port; VCC = 3.0 V; IOL =8mA
[2] -
0.3
0.55
V
A port; VCC = 3.0 V; IOL =16mA
[2] -
0.6
0.8
V
B port; VCC = 3.0 V; IOL =15mA
[2] -
0.13
0.4
V
II
input current
A port; VCC = 3.6 V; VI =VCC
--
±1
µA
A port; VCC = 3.6 V; VI =0V
-
-
±1
µA
B port; VCC = 3.6 V; VI =VTT or GND
-
-
±1
µA
ICC
supply current
A or B port; VCC = 3.6 V;
VI =VCC or GND; IO =0mA
-
8
12
mA
∆ICC[3]
additional supply
current
per input; A port or control inputs;
VCC = 3.6 V; VI =VCC − 0.6 V
-
-
500
µA
Cio
input/output
capacitance
A port; VO = 3.0 V or 0 V
-
2.5
3.5
pF
B port; VO =VTT or 0 V
-
1.5
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com