Electronic Components Datasheet Search
  English  ▼

X  

DRV8800RTYR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV8800RTYR Datasheet HTML 10Page - Texas Instruments DRV8800RTYR Datasheet HTML 11Page - Texas Instruments DRV8800RTYR Datasheet HTML 12Page - Texas Instruments DRV8800RTYR Datasheet HTML 13Page - Texas Instruments DRV8800RTYR Datasheet HTML 14Page - Texas Instruments DRV8800RTYR Datasheet HTML 15Page - Texas Instruments DRV8800RTYR Datasheet HTML 16Page - Texas Instruments DRV8800RTYR Datasheet HTML 17Page - Texas Instruments DRV8800RTYR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
P
D = I (R
2
DS(on)Source + RDS(onSink))
1
2
3
1
2
3
DriveCurrent
Slowdecaywithsynchronousrectification (brake)
Fastdecaywithsynchronousrectification (reverse)
VBB
DRV8800
DRV8801
SLVS855D – JULY 2008 – REVISED APRIL 2010
www.ti.com
APPLICATION INFORMATION
Power Dissipation
First-order approximation of power dissipation in the DRV8800/DRV8801 can be calculated by examining the
power dissipation in the full-bridge during each of the operation modes. DRV8800/DRV8801 utilize synchronous
rectification. During the decay cycle, the body diode is shorted by the low-Rds(ON) driver, which in turn reduces
power dissipation in the full-bridge. In order to prevent shoot through (high-side and low-side drivers on the same
side are ON at the same time), DRV8800/DRV8801 implement a 500-ns typical crossover delay time. During this
period, the body diode in the decay current path conducts the current until the DMOS driver turns on. High
current and high ambient temperature applications should take this into consideration. In addition, motor
parameters and switching losses can add power dissipation that could affect critical applications.
Drive Current
This current path is through the high-side sourcing DMOS driver, motor winding, and low-side sinking DMOS
driver. Power dissipation I2R loses in one source and one sink DMOS driver, as shown in Equation 1.
(1)
DRV8800
14
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com