Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2157 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 14Page - NXP Semiconductors LPC2157 Datasheet HTML 15Page - NXP Semiconductors LPC2157 Datasheet HTML 16Page - NXP Semiconductors LPC2157 Datasheet HTML 17Page - NXP Semiconductors LPC2157 Datasheet HTML 18Page - NXP Semiconductors LPC2157 Datasheet HTML 19Page - NXP Semiconductors LPC2157 Datasheet HTML 20Page - NXP Semiconductors LPC2157 Datasheet HTML 21Page - NXP Semiconductors LPC2157 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
18 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
• Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
• All GPIO registers are byte addressable.
• Entire port value can be written in one instruction.
6.7.1 Features
• Bit-level set and clear registers allow a single instruction set or clear of any number of
bits in one port.
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
6.8 10-bit ADC
The LPC2157/2158 contain two single 10-bit successive approximation ADCs. While
ADC0 has eight channels (six channels for LPC2158), ADC1 has eight channels.
Therefore, the total number of available ADC inputs for LPC2157 is 16 and for LPC2158 is
14.
6.8.1 Features
• 10-bit successive approximation ADC.
• Measurement range of 0 V to VREF (2.0 V
≤ VREF ≤ V
DDA).
• Each converter capable of performing more than 400000 10-bit samples per second.
• Every analog input has a dedicated result register to reduce interrupt overhead.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or timer match signal.
• Global Start command for both converters.
6.9 10-bit DAC
The DAC enables the LPC2157/2158 to generate a variable analog output. The maximum
DAC output voltage is the VREF voltage.
6.9.1 Features
• 10-bit DAC.
• Buffered output.
• Power-down mode available.
• Selectable speed versus power.
6.10 USB 2.0 device controller (LPC2158 only)
The USB is a 4-wire serial bus that supports communication between a host and a
number (127 max) of peripherals. The host controller allocates the USB bandwidth to
attached devices through a token based protocol. The bus supports hot plugging,
unplugging, and dynamic configuration of the devices. All transactions are initiated by the
host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com