Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2157 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 28Page - NXP Semiconductors LPC2157 Datasheet HTML 29Page - NXP Semiconductors LPC2157 Datasheet HTML 30Page - NXP Semiconductors LPC2157 Datasheet HTML 31Page - NXP Semiconductors LPC2157 Datasheet HTML 32Page - NXP Semiconductors LPC2157 Datasheet HTML 33Page - NXP Semiconductors LPC2157 Datasheet HTML 34Page - NXP Semiconductors LPC2157 Datasheet HTML 35Page - NXP Semiconductors LPC2157 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
32 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
8.
Static characteristics
Table 7.
Static characteristics
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage
[2] 3.0
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
3.0
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
[3] 2.0
3.3
3.6
V
Vi(VREF)
input voltage on pin
VREF
2.5
3.3
VDDA
V
Standard port pins, RESET, RTCK
IIL
LOW-level input current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-level input current VI =VDD; no pull-down
-
-
3
µA
IOZ
OFF-state output
current
VO =0V; VO =VDD; no
pull-up/down
--3
µA
Ilatch
I/O latch-up current
−(0.5VDD) < VI < (1.5VDD);
Tj < 125 °C
-
-
100
mA
VI
input voltage
pin configured to provide a
digital function
[4][5][6][7] 0
-
5.5
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = −4 mA
[8] VDD − 0.4
-
-
V
VOL
LOW-level output
voltage
IOL = −4 mA
[8] -
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD − 0.4 V
[8]
−4
--mA
IOL
LOW-level output
current
VOL = 0.4 V
[8] 4
--mA
IOHS
HIGH-level short-circuit
output current
VOH =0V
[9] --
−45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDDA
[9] --50
mA
Ipd
pull-down current
VI =5V
[10] 10
50
150
µA
Ipu
pull-up current
VI =0V
[11]
−15
−50
−85
µA
VDD <VI <5V
[10] 000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com