Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2157 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 10Page - NXP Semiconductors LPC2157 Datasheet HTML 11Page - NXP Semiconductors LPC2157 Datasheet HTML 12Page - NXP Semiconductors LPC2157 Datasheet HTML 13Page - NXP Semiconductors LPC2157 Datasheet HTML 14Page - NXP Semiconductors LPC2157 Datasheet HTML 15Page - NXP Semiconductors LPC2157 Datasheet HTML 16Page - NXP Semiconductors LPC2157 Datasheet HTML 17Page - NXP Semiconductors LPC2157 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
14 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
[2]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control. If configured for an input
function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns.
[3]
Open-drain 5 V tolerant digital I/O I2C-bus 400 kHz specification compatible pad. It requires external pull-up to provide an output
functionality.
[4]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog input function. If configured
for an input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns. When configured as an ADC input, digital
section of the pad is disabled.
[5]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog output function. When
configured as the DAC output, digital section of the pad is disabled.
[6]
5 V tolerant pad with built-in pull-up resistor providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
The pull-up resistor’s value typically ranges from 60 k
Ω to 300 kΩ.
[7]
Pad is designed in accordance with the Universal Serial Bus (USB) specification, revision 2.0 (Full-speed and Low-speed mode only).
[8]
5 V tolerant pad providing digital input (with TTL levels and hysteresis) function only.
[9]
Pad provides special analog functionality.
VDD
11, 27, 33 I
3.3 V power supply: This is the power supply voltage for the core and I/O
ports.
VDDA
96
I
Analog 3.3 V power supply: This should be nominally the same voltage as
VDD but should be isolated to minimize noise and error. This voltage is only
used to power the on-chip ADC(s) and DAC.
VDD(LCD)
38
I
1.8 V to 5.5 V power supply: Power supply voltage for the PCF8576D.
VLCD
41
I
LCD power supply: LCD voltage.
VREF
89
I
ADC reference voltage: This should be nominally less than or equal to the
VDD voltage but should be isolated to minimize noise and error. Level on this
pin is used as a reference for ADC(s) and DAC.
VBAT
31
I
RTC power supply voltage: 3.3 V on this pin supplies the power to the RTC.
SDA_LCD
34
I/O
SDA LCD — I2C-bus data signal for the LCD controller.
SCL_LCD
35
I
SCL LCD — I2C-bus clock signal for the LCD controller.
SYNC
36
I/O
SYNC — cascade synchronization input/output
CLK
37
I/O
CLK — external clock input/output
BP0 to BP3
42 to 45
O
BP0 to BP3: LCD backplane outputs.
S0 to S31
46 to 77
O
S0 to S31: LCD segment outputs.
Table 3.
Pin description LPC2158 …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com