Electronic Components Datasheet Search
  English  ▼

X  

LPC2157 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2157 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2157 Datasheet HTML 1Page - NXP Semiconductors LPC2157 Datasheet HTML 2Page - NXP Semiconductors LPC2157 Datasheet HTML 3Page - NXP Semiconductors LPC2157 Datasheet HTML 4Page - NXP Semiconductors LPC2157 Datasheet HTML 5Page - NXP Semiconductors LPC2157 Datasheet HTML 6Page - NXP Semiconductors LPC2157 Datasheet HTML 7Page - NXP Semiconductors LPC2157 Datasheet HTML 8Page - NXP Semiconductors LPC2157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1.
General description
The LPC2157/2158 is a multi-chip module consisting of a LPC2138/2148 single-chip
microcontroller combined with a PCF8576D Universal LCD driver in a low-cost 100-pin
package. The LCD driver provides 32 segments and supports from 1 to 4 backplanes.
Display overhead is minimized by an on-chip display RAM with auto-increment
addressing. Refer to the respective LPC2148 and LPC2138 user manual for details.
2.
Features
I 128-bit wide interface/accelerator enables high-speed 60 MHz operation.
N 32 kB to 40 kB of on-chip static RAM and 512 kB of on-chip flash memory.
I USB 2.0 Full-speed compliant device controller with 2 kB of endpoint RAM.
N An additional 8 kB of on-chip RAM accessible to USB by DMA (LPC2158 only).
I 32 segment × 4 backplane LCD controller supports from 1 to 4 backplanes.
I Single 10-bit DAC provides variable analog output.
I Low power Real-Time Clock (RTC) with independent power and 32 kHz clock input.
I Multiple serial interfaces including two UARTs (16C550), two Fast I2C-bus (400 kbit/s),
SPI and SSP with buffering and variable data length capabilities.
I Single power supply chip with POR and BOD circuits:
N CPU operating voltage range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant
I/O pads.
I 100-pin LQFP package with 38 microcontroller I/O pins minimum.
I Individual enable/disable of peripheral functions as well as peripheral clock scaling for
additional power optimization.
3.
Ordering information
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with
32 segment x 4 LCD driver
Rev. 02 — 9 February 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2157FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC2158FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1


Similar Part No. - LPC2157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2157 NXP-LPC2157 Datasheet
217Kb / 45P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
LPC2157 PHILIPS-LPC2157 Datasheet
219Kb / 45P
Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157FBD100 NXP-LPC2157FBD100 Datasheet
217Kb / 45P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
More results

Similar Description - LPC2157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2131 PHILIPS-LPC2131 Datasheet
190Kb / 41P
Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
Rev. 02-15 April 2005
LPC2157 NXP-LPC2157 Datasheet
217Kb / 45P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
LPC2157 PHILIPS-LPC2157 Datasheet
219Kb / 45P
Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2101 NXP-LPC2101_09 Datasheet
203Kb / 37P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2368FET100 NXP-LPC2368FET100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2132FHN64 PHILIPS-LPC2132FHN64 Datasheet
340Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
Rev. 5-2 February 2011
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com