Electronic Components Datasheet Search
  English  ▼

X  

P89LPC982 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC982
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC982 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC982 Datasheet HTML 23Page - NXP Semiconductors P89LPC982 Datasheet HTML 24Page - NXP Semiconductors P89LPC982 Datasheet HTML 25Page - NXP Semiconductors P89LPC982 Datasheet HTML 26Page - NXP Semiconductors P89LPC982 Datasheet HTML 27Page - NXP Semiconductors P89LPC982 Datasheet HTML 28Page - NXP Semiconductors P89LPC982 Datasheet HTML 29Page - NXP Semiconductors P89LPC982 Datasheet HTML 30Page - NXP Semiconductors P89LPC982 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
PWMD3L
PWM Free
Cycle Register 3
Low Byte
EAH
00
0000 0000
PWMD4H
PWM Free
Cycle Register 4
High Byte
AAH
00
0000 0000
PWMD4L
PWM Free
Cycle Register 4
Low Byte
ABH
00
0000 0000
RCAP2H
Capture
Register 2 High
Byte
FCH
00
0000 0000
RCAP2L
Capture
Register 2 Low
Byte
FBH
00
0000 0000
RCAP3H
Capture
Register 3 High
Byte
ECH
00
0000 0000
RCAP3L
Capture
Register 3 Low
Byte
EBH
00
0000 0000
RCAP4H
Capture
Register 4 High
Byte
CAH
00
0000 0000
RCAP4L
Capture
Register 4 Low
Byte
C9H
00
0000 0000
RSTSRC
Reset source
register
DFH
-
BOIF
BORF
POF
R_KB
R_WD
R_SF
R_EX
[3]
RTCCON
RTC control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60[2][4]
011x xx00
RTCH
RTC register
high
D2H
00[4]
0000 0000
RTCL
RTC register low
D3H
00[4]
0000 0000
SADDR
Serial port
address register
A9H
00
0000 0000
Table 6.
Special function registers - P89LPC983/985 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com