Electronic Components Datasheet Search
  English  ▼

X  

P89LPC982 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # P89LPC982
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC982 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button P89LPC982 Datasheet HTML 58Page - NXP Semiconductors P89LPC982 Datasheet HTML 59Page - NXP Semiconductors P89LPC982 Datasheet HTML 60Page - NXP Semiconductors P89LPC982 Datasheet HTML 61Page - NXP Semiconductors P89LPC982 Datasheet HTML 62Page - NXP Semiconductors P89LPC982 Datasheet HTML 63Page - NXP Semiconductors P89LPC982 Datasheet HTML 64Page - NXP Semiconductors P89LPC982 Datasheet HTML 65Page - NXP Semiconductors P89LPC982 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
62 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
8.6 Boundary limits interrupt
The ADC has both a high and low boundary limit register. The user may select whether an
interrupt is generated when the conversion result is within (or equal to) the high and low
boundary limits or when the conversion result is outside the boundary limits. An interrupt
will be generated, if enabled, if the result meets the selected interrupt criteria. The
boundary limit may be disabled by clearing the boundary limit interrupt enable.
An early detection mechanism exists when the interrupt criteria has been selected to be
outside the boundary limits. In this case, after the four MSBs have been converted, these
four bits are compared with the four MSBs of the boundary high and low registers. If the
four MSBs of the conversion meet the interrupt criteria (i.e., outside the boundary limits)
an interrupt will be generated, if enabled. If the four MSBs do not meet the interrupt
criteria, the boundary limits will again be compared after all 8 MSBs have been converted.
A boundary status register (BNDSTA0) flags the channels which caused a boundary
interrupt.
8.7 Clock divider
The ADC requires that its internal clock source be in the range of 500 kHz to 9 MHz to
maintain accuracy. A programmable clock divider that divides the clock from 1 to 8 is
provided for this purpose.
8.8 Power-down and Idle mode
In Idle mode the ADC, if enabled, will continue to function and can cause the device to exit
Idle mode when the conversion is completed if the A/D interrupt is enabled. In
Power-down mode or Total Power-down mode, the ADC does not function. If the ADC is
enabled, they will consume power. Power can be reduced by disabling the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com