Electronic Components Datasheet Search
  English  ▼

X  

P89LPC982 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89LPC982
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC982 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC982 Datasheet HTML 8Page - NXP Semiconductors P89LPC982 Datasheet HTML 9Page - NXP Semiconductors P89LPC982 Datasheet HTML 10Page - NXP Semiconductors P89LPC982 Datasheet HTML 11Page - NXP Semiconductors P89LPC982 Datasheet HTML 12Page - NXP Semiconductors P89LPC982 Datasheet HTML 13Page - NXP Semiconductors P89LPC982 Datasheet HTML 14Page - NXP Semiconductors P89LPC982 Datasheet HTML 15Page - NXP Semiconductors P89LPC982 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
12 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
P1.7/AD04/T3EX/
MOSI
4I/O
P1.7 — Port 1 bit 7. High current source.
I
AD04 — ADC0 channel 4 analog input. (P89LPC985)
I
T3EX — Timer/counter 3 external capture input.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output;
when configured as slave, this pin is input. (pin remap)
P2.0 to P2.7
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type. During reset
Port 2 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 2 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
7.16.1 “Port configurations” and Table 13 “Static characteristics” for details.
All pins have Schmitt trigger inputs.
Port 2 also provides various special functions as described below:
P2.0/AD07/TXD
1
I/O
P2.0 — Port 2 bit 0.
I
AD07 — ADC0 channel 7 analog input. (P89LPC985)
O
TXD — Transmitter output for serial port. (pin remap)
P2.1/AD06/RXD
2
I/O
P2.1 — Port 2 bit 1.
I
AD06 — ADC0 channel 6 analog input. (P89LPC985)
I
RXD — Receiver input for serial port. (pin remap)
P2.2/MOSI
13
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output;
when configured as slave, this pin is input.
P2.3/MISO
14
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — SPI master in slave out.When configured as master, this pin is input,
when configured as slave, this pin is output.
P2.4/SS
15
I/O
P2.4 — Port 2 bit 4.
I
SS — SPI Slave select.
P2.5/SPICLK
16
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when
configured as slave, this pin is input.
P2.6/SCL
27
I/O
P2.6 — Port 2 bit 6.
I/O
SCL — I2C-bus serial clock input/output. (pin remap)
P2.7/SDA
28
I/O
P2.7 — Port 2 bit 7.
I/O
SDA — I2C-bus serial data input/output. (pin remap)
P3.0 to P3.1
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 3 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
7.16.1 “Port configurations” and Table 13 “Static characteristics” for details.
All pins have Schmitt trigger inputs.
Port 3 also provides various special functions as described below:
Table 3.
Pin description …continued
Symbol
Pin
Type
Description
PLCC28,
TSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com