Electronic Components Datasheet Search
  English  ▼

X  

P89LPC982 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # P89LPC982
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC982 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button P89LPC982 Datasheet HTML 55Page - NXP Semiconductors P89LPC982 Datasheet HTML 56Page - NXP Semiconductors P89LPC982 Datasheet HTML 57Page - NXP Semiconductors P89LPC982 Datasheet HTML 58Page - NXP Semiconductors P89LPC982 Datasheet HTML 59Page - NXP Semiconductors P89LPC982 Datasheet HTML 60Page - NXP Semiconductors P89LPC982 Datasheet HTML 61Page - NXP Semiconductors P89LPC982 Datasheet HTML 62Page - NXP Semiconductors P89LPC982 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
59 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
The ADC consists of an 8-input multiplexer which feeds a sample-and-hold circuit
providing an input signal to comparator inputs. The control logic in combination with the
SAR drives a digital-to-analog converter which provides the other input to the comparator.
The output of the comparator is fed to the SAR.
8.2 Features
10-bit, 8-channel multiplexed input, successive approximation ADCs. (10-bit,
4-channel on P89LPC983)
Eight result register pairs.
Six operating modes:
Fixed channel, single conversion mode.
Fixed channel, continuous conversion mode.
Auto scan, single conversion mode.
Auto scan, continuous conversion mode.
Dual channel, continuous conversion mode.
Single step mode.
Three conversion start modes:
Timer triggered start.
Start immediately.
Edge triggered.
10-bit conversion time of 4
μs at an A/D clock of 9.0 MHz.
Interrupt or polled operation.
Boundary limits interrupt.
Clock divider.
Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com