Electronic Components Datasheet Search
  English  ▼

X  

PCA9506 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9506
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9506 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9506 Datasheet HTML 1Page - NXP Semiconductors PCA9506 Datasheet HTML 2Page - NXP Semiconductors PCA9506 Datasheet HTML 3Page - NXP Semiconductors PCA9506 Datasheet HTML 4Page - NXP Semiconductors PCA9506 Datasheet HTML 5Page - NXP Semiconductors PCA9506 Datasheet HTML 6Page - NXP Semiconductors PCA9506 Datasheet HTML 7Page - NXP Semiconductors PCA9506 Datasheet HTML 8Page - NXP Semiconductors PCA9506 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
2 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
I Inputs:
N Programmable Interrupt Mask Control for input pins that do not require an interrupt
when their states change
N Polarity Inversion register allows inversion of the polarity of the I/O pins when read
I Active LOW reset (RESET) input pin resets device to power-up default state
I 3 programmable address pins allowing 8 devices on the same bus
I Designed for live insertion
N Minimize line disturbance (IOFF and power-up 3-state)
N Signal transient rejection (50 ns noise filter and robust I2C-bus state machine)
I Low standby current
I −40 °Cto+85 °C operation
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78, which exceeds 100 mA
I Offered in TSSOP56 (PCA9505, PCA9506) and HVQFN56 (PCA9506) packages
3.
Applications
I Servers
I RAID systems
I Industrial control
I Medical equipment
I PLCs
I Cell phones
I Gaming machines
I Instrumentation and test measurement
4.
Ordering information
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9505DGG
PCA9505DGG
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
PCA9506DGG
PCA9506DGG
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
PCA9506BS
PCA9506BS
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com