Electronic Components Datasheet Search
  English  ▼

X  

PCA9506 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9506
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9506 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9506 Datasheet HTML 7Page - NXP Semiconductors PCA9506 Datasheet HTML 8Page - NXP Semiconductors PCA9506 Datasheet HTML 9Page - NXP Semiconductors PCA9506 Datasheet HTML 10Page - NXP Semiconductors PCA9506 Datasheet HTML 11Page - NXP Semiconductors PCA9506 Datasheet HTML 12Page - NXP Semiconductors PCA9506 Datasheet HTML 13Page - NXP Semiconductors PCA9506 Datasheet HTML 14Page - NXP Semiconductors PCA9506 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
11 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
7.3.2 OP0 to OP4 - Output Port registers
These registers reflect the outgoing logic levels of the pins defined as outputs by the
I/O Configuration register. Bit values in these registers have no effect on pins defined as
inputs. In turn, reads from these registers reflect the values that are in the flip-flops
controlling the output selection, not the actual pin values.
Ox[y] = 0: IOx_y = 0 if IOx_y defined as output (Cx[y] in IOC register = 0).
Ox[y] = 1: IOx_y = 1 if IOx_y defined as output (Cx[y] in IOC register = 0).
Where ‘x’ refers to the bank number (0 to 4); ‘y’ refers to the bit number (0 to 7).
7.3.3 PI0 to PI4 - Polarity Inversion registers
These registers allow inversion of the polarity of the corresponding Input Port register.
Px[y] = 0: The corresponding Input Port register data polarity is retained.
Px[y] = 1: The corresponding Input Port register data polarity is inverted.
Where ‘x’ refers to the bank number (0 to 4); ‘y’ refers to the bit number (0 to 7).
Table 5.
OP0 to OP4 - Output Port registers (address 08h to 0Ch) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
08h
OP0
7 to 0
O0[7:0]
R/W
0000 0000*
Output Port register bank 0
09h
OP1
7 to 0
O1[7:0]
R/W
0000 0000*
Output Port register bank 1
0Ah
OP2
7 to 0
O2[7:0]
R/W
0000 0000*
Output Port register bank 2
0Bh
OP3
7 to 0
O3[7:0]
R/W
0000 0000*
Output Port register bank 3
0Ch
OP4
7 to 0
O4[7:0]
R/W
0000 0000*
Output Port register bank 4
Table 6.
PI0 to PI4 - Polarity Inversion registers (address 10h to 14h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
10h
PI0
7 to 0
P0[7:0]
R/W
0000 0000*
Polarity Inversion register bank 0
11h
PI1
7 to 0
P1[7:0]
R/W
0000 0000*
Polarity Inversion register bank 1
12h
PI2
7 to 0
P2[7:0]
R/W
0000 0000*
Polarity Inversion register bank 2
13h
PI3
7 to 0
P3[7:0]
R/W
0000 0000*
Polarity Inversion register bank 3
14h
PI4
7 to 0
P4[7:0]
R/W
0000 0000*
Polarity Inversion register bank 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com