Electronic Components Datasheet Search
  English  ▼

X  

PCA9506 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9506
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9506 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9506 Datasheet HTML 17Page - NXP Semiconductors PCA9506 Datasheet HTML 18Page - NXP Semiconductors PCA9506 Datasheet HTML 19Page - NXP Semiconductors PCA9506 Datasheet HTML 20Page - NXP Semiconductors PCA9506 Datasheet HTML 21Page - NXP Semiconductors PCA9506 Datasheet HTML 22Page - NXP Semiconductors PCA9506 Datasheet HTML 23Page - NXP Semiconductors PCA9506 Datasheet HTML 24Page - NXP Semiconductors PCA9506 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
21 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
12. Dynamic characteristics
[1]
Minimum SCL clock frequency is limited by the bus time-out feature, which resets the serial bus interface if either SDA or SCL is held
LOW for a minimum of 25 ms. Disable bus time-out feature for DC operation.
[2]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[3]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[4]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region SCL’s falling edge.
Table 11.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard mode
I2C-bus
Fast mode I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
[1]
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START
condition
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;DAT
data hold time
0
-
0
-
ns
tVD;ACK
data valid acknowledge time[2]
0.1
3.45
0.1
0.9
µs
tVD;DAT
data valid time[3]
0.1
3.45
0.1
0.9
µs
tSU;DAT
data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tf
fall time of both SDA and SCL
signals
[4][5]
-
300
20 + 0.1Cb[6]
300
ns
tr
rise time of both SDA and SCL
signals
[4][5]
-
1000
20 + 0.1Cb[6]
300
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
[7]
-
50-50
ns
Port timing
ten
enable time
output
-
80
-
80
ns
tdis
disable time
output
-
40
-
40
ns
tv(Q)
data output valid time
-
250
-
250
ns
tsu(D)
data input set-up time
100
-
100
-
ns
th(D)
data input hold time
0.5
-
0.5
-
µs
Interrupt timing
tv(INT_N)
valid time on pin INT_N
-
4
-
4
µs
trst(INT_N)
reset time on pin INT_N
-
4
-
4
µs
Reset
tw(rst)
reset pulse width
4
-
4
-
ns
trec(rst)
reset recovery time
0
-
0
-
ns
trst
reset time
100
-
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com