Electronic Components Datasheet Search
  English  ▼

X  

PCA9506 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9506
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9506 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9506 Datasheet HTML 19Page - NXP Semiconductors PCA9506 Datasheet HTML 20Page - NXP Semiconductors PCA9506 Datasheet HTML 21Page - NXP Semiconductors PCA9506 Datasheet HTML 22Page - NXP Semiconductors PCA9506 Datasheet HTML 23Page - NXP Semiconductors PCA9506 Datasheet HTML 24Page - NXP Semiconductors PCA9506 Datasheet HTML 25Page - NXP Semiconductors PCA9506 Datasheet HTML 26Page - NXP Semiconductors PCA9506 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
23 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
13. Test information
Fig 18. Reset timing
SDA
SCL
002aac018
trst
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
IOx_y
output off
START
trst
ACK or read cycle
RL = load resistance
CL = load capacitance includes jig and probe capacitance
RT = termination resistance should be equal to the output impedance Zo of the pulse
generators.
Fig 19. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aac019
RT
VI
VDD
DUT
2VDD
open
VSS
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com