Electronic Components Datasheet Search
  English  ▼

X  

PCA9530DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9530DP
Description  2-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9530DP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9530DP Datasheet HTML 1Page - NXP Semiconductors PCA9530DP Datasheet HTML 2Page - NXP Semiconductors PCA9530DP Datasheet HTML 3Page - NXP Semiconductors PCA9530DP Datasheet HTML 4Page - NXP Semiconductors PCA9530DP Datasheet HTML 5Page - NXP Semiconductors PCA9530DP Datasheet HTML 6Page - NXP Semiconductors PCA9530DP Datasheet HTML 7Page - NXP Semiconductors PCA9530DP Datasheet HTML 8Page - NXP Semiconductors PCA9530DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PCA9530_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 February 2009
3 of 24
NXP Semiconductors
PCA9530
2-bit I2C-bus LED dimmer
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
Refer to Figure 1 “Block diagram”.
6.1 Device addressing
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9530 is shown in Figure 4. To conserve power, no
internal pull-up resistor is incorporated on the hardware selectable address pin and it must
be pulled HIGH or LOW.
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
(MSOP8)
PCA9530D
A0
VDD
LED0
SDA
LED1
SCL
VSS
RESET
002aae496
1
2
3
4
6
5
8
7
PCA9530DP
A0
VDD
LED0
SDA
LED1
SCL
VSS
002aae497
1
2
3
4
6
5
8
7
RESET
Table 2.
Pin description
Symbol
Pin
Description
A0
1
address input 0
LED0
2
LED driver 0
LED1
3
LED driver 1
VSS
4
supply ground
RESET
5
active LOW reset input
SCL
6
serial clock line
SDA
7
serial data line
VDD
8
supply voltage
Fig 4.
Slave address
002aae499
1
1
0
0
0
0
A0 R/W
fixed
slave address
hardware
selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com