Electronic Components Datasheet Search
  English  ▼

X  

PCA9530DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9530DP
Description  2-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9530DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9530DP Datasheet HTML 7Page - NXP Semiconductors PCA9530DP Datasheet HTML 8Page - NXP Semiconductors PCA9530DP Datasheet HTML 9Page - NXP Semiconductors PCA9530DP Datasheet HTML 10Page - NXP Semiconductors PCA9530DP Datasheet HTML 11Page - NXP Semiconductors PCA9530DP Datasheet HTML 12Page - NXP Semiconductors PCA9530DP Datasheet HTML 13Page - NXP Semiconductors PCA9530DP Datasheet HTML 14Page - NXP Semiconductors PCA9530DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PCA9530_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 February 2009
11 of 24
NXP Semiconductors
PCA9530
2-bit I2C-bus LED dimmer
8.2 Programming example
The following example will show how to set LED0 to blink at 1 Hz at a 50 % duty cycle.
LED1 will be set to be dimmed at 25 % of their maximum brightness (duty cycle = 25 %).
9.
Limiting values
Table 10.
Programming PCA9530
Program sequence
I2C-bus
START
S
PCA9530 address with A0 = LOW
C0h
PSC0 subaddress + Auto-Increment
11h
Set prescaler PSC0 to achieve a period of 1 second:
PSC0 = 151
97h
Set PWM0 duty cycle to 50 %:
PWM0 = 128
80h
Set prescaler PCS1 to dim at maximum frequency:
PSC1 = 0
00h
Set PWM1 output duty cycle to 25 %:
PWM1 = 64
40h
Set LED0 to PWM0, and set LED1 to blink at PWM1
0Eh
STOP
P
Blink period
1
PSC0
1
+
152
------------------------
==
PWM 0
256
-----------------
0.5
=
Blink period
max
=
PWM 1
256
-----------------
0.25
=
Table 11.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
IO(LEDn)
output current on pin LEDn
-
+25
mA
ISS
ground supply current
-
50
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com