| Electronic Components Datasheet Search |
|
PCA9530DP Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9530DP Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 24 page ![]() PCA9530_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 26 February 2009 7 of 24 NXP Semiconductors PCA9530 2-bit I2C-bus LED dimmer 6.6 External RESET A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The PCA9530 registers and I2C-bus state machine will be held in their default states until the RESET input is once again HIGH. This input requires a pull-up resistor to VDD if no active connection is used. 7. Characteristics of the I2C-bus The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. 7.1 Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals (see Figure 6). 7.1.1 START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition (P) (see Figure 7). Fig 6. Bit transfer mba607 data line stable; data valid change of data allowed SDA SCL Fig 7. Definition of START and STOP conditions mba608 SDA SCL P STOP condition S START condition |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |