Electronic Components Datasheet Search
  English  ▼

X  

PCA9575PW2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9575PW2
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575PW2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9575PW2 Datasheet HTML 25Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 26Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 27Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 28Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 29Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 30Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 31Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 32Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
29 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
14. Test information
Fig 23. Reset timing
SDA
SCL
002aad574
trst(GPIO)
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
P0_0 to P0_7
P1_0 to P1_7
output off
START
trst(SDA)
ACK or read cycle
30 %
RL = load resistance.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generators.
(1) For SDA, no 500
Ω pull-down.
Fig 24. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aad582
RT
VI
VDD
DUT
2VDD
open
VSS
500
Ω(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com