Electronic Components Datasheet Search
  English  ▼

X  

PCA9575PW2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9575PW2
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575PW2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9575PW2 Datasheet HTML 1Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 2Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 3Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 4Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 5Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 6Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 7Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 8Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
3 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
3.
Applications
I Cell phones
I Media players
I Multi-voltage environments
I Battery operated mobile gadgets
I Motherboards
I Servers
I RAID systems
I Industrial control
I Medical equipment
I PLCs
I Gaming machines
I Instrumentation and test measurement
4.
Ordering information
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9575PW2
PCA9575PW2
TSSOP28
plastic thin shrink small outline package; 28 leads;
body width 4.4 mm
SOT361-1
PCA9575PW1
PA9575PW1
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9575HF
575F
HWQFN24
plastic thermal enhanced very very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.75 mm
SOT994-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com