Electronic Components Datasheet Search
  English  ▼

X  

PCA9575PW2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9575PW2
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575PW2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9575PW2 Datasheet HTML 3Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 4Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 5Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 6Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 7Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 8Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 9Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 10Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
7 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
6.2 Pin description
[1]
HWQFN24 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
PCB in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Type
Description
TSSOP28 TSSOP24 HWQFN24
A0
1
-
-
I
address input 0
VDD
2
1
22
power supply
supply voltage
RESET
3
2
23
I
active LOW reset input
P0_0
4
3
24
I/O
port 0 input/output 0
P0_1
5
4
1
I/O
port 0 input/output 1
P0_2
6
5
2
I/O
port 0 input/output 2
P0_3
7
6
3
I/O
port 0 input/output 3
A1
8
-
-
I
address input 1
VDD(IO)0
9
7
4
power supply
I/O supply voltage for bank 0
P0_4
10
8
5
I/O
port 0 input/output 0
P0_5
11
9
6
I/O
port 0 input/output 1
P0_6
12
10
7
I/O
port 0 input/output 2
P0_7
13
11
8
I/O
port 0 input/output 3
INT
14
12
9
O
interrupt output (open-drain;
active LOW)
A2
15
-
-
I
address input 2
VSS
16
13
10[1]
ground
supply ground
P1_7
17
14
11
I/O
port 1 input/output 4
P1_6
18
15
12
I/O
port 1 input/output 5
P1_5
19
16
13
I/O
port 1 input/output 6
P1_4
20
17
14
I/O
port 1 input/output 7
VDD(IO)1
21
18
15
power supply
I/O supply voltage for bank 1
A3
22
-
-
I
address input 3
P1_3
23
19
16
I/O
port 1 input/output 3
P1_2
24
20
17
I/O
port 1 input/output 2
P1_1
25
21
18
I/O
port 1 input/output 1
P1_0
26
22
19
I/O
port 1 input/output 0
SDA
27
23
20
I/O
serial data line
SCL
28
24
21
I
serial clock line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com