Electronic Components Datasheet Search
  English  ▼

X  

PCA9575PW2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9575PW2
Description  16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9575PW2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9575PW2 Datasheet HTML 9Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 10Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 11Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 12Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 13Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 14Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 15Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 16Page - NXP Semiconductors PCA9575PW2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PCA9575_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2009
13 of 38
NXP Semiconductors
PCA9575
16-bit I2C-bus and SMBus, level translating, low voltage GPIO
7.6.6 Register 5 - Bus-hold/pull-up/pull-down enable 1 register
Bit 0 of this register allows the user to enable/disable the bus-hold feature for the I/O pins.
Setting the bit 0 to logic 1 enables bus-hold feature for the I/O bank 1. In this mode, the
pull-up/pull-downs will be disabled for I/O bank 1. Setting the bit 0 to logic 0 disables
bus-hold feature.
Bit 1 of this register allows the user to enable/disable pull-up/pull-downs on the I/O pins.
Setting the bit 1 to logic 1 enables selection of pull-up/pull-down using Register 7. Setting
the bit 1 to logic 0 disables pull-up/pull-downs on the I/O bank 1 pins and contents of
Register 7 will have no effect on the I/O.
Table 9.
Register 5 - Bus-hold/pull-up/pull-down enable 1 register (address 05h)
bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
E1.7
R/W
X
not used
6
E1.6
R/W
X
5
E1.5
R/W
X
4
E1.4
R/W
X
3
E1.3
R/W
X
2
E1.2
R/W
X
1
E1.1
R/W
0*
allows the user to enable/disable pull-up/pull-downs on the
I/O bank 1 pins
0 = disables pull-up/pull-downs on the I/O bank 1 pins and
contents of Register 7 will have no effect on the I/O bank 0
(default value)
1 = enables selection of pull-up/pull-down using Register 7
0
E1.0
R/W
0*
allows user to enable/disable the bus-hold feature for the
I/O bank 1 pins
0 = disables bus-hold feature (default value)
1 = enables bus-hold feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com