Electronic Components Datasheet Search
  English  ▼

X  

PCA9673DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9673DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9673DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9673DB Datasheet HTML 2Page - NXP Semiconductors PCA9673DB Datasheet HTML 3Page - NXP Semiconductors PCA9673DB Datasheet HTML 4Page - NXP Semiconductors PCA9673DB Datasheet HTML 5Page - NXP Semiconductors PCA9673DB Datasheet HTML 6Page - NXP Semiconductors PCA9673DB Datasheet HTML 7Page - NXP Semiconductors PCA9673DB Datasheet HTML 8Page - NXP Semiconductors PCA9673DB Datasheet HTML 9Page - NXP Semiconductors PCA9673DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
6 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
[1]
HVQFN and DHVQFN package die supply ground is connected to both the VSS pin and the exposed center
pad. The VSS pin must be connected to supply ground for proper device operation. For enhanced thermal,
electrical, and board-level performance, the exposed pad needs to be soldered to the board using a
corresponding thermal pad on the board, and for proper heat conduction through the board thermal vias
need to be incorporated in the PCB in the thermal pad region.
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9673”.
7.1 Device address
Following a START condition, the bus master must send the address of the slave it is
accessing and the operation it wants to perform (read or write). The address of the
PCA9673 is shown in Figure 9. Slave address pins AD1 and AD0 choose 1 of 16 slave
addresses. To conserve power, no internal pull-up resistors are incorporated on AD1 and
AD0. Address values depending on AD1 and AD0 can be found in Table 3 “PCA9673
address map”.
Remark: The General Call address (0000 0000b) and the Device ID address
(1111 100Xb) are reserved and cannot be used as device address. Failure to follow this
requirement will cause the PCA9673 not to acknowledge.
Remark: Reserved I2C-bus addresses must be used with caution since they can interfere
with:
• “reserved for future use” I2C-bus addresses (0000 011, 1111 101, 1111 110,
1111 111)
• slave devices that use the 10-bit addressing scheme (1111 0xx)
• High speed mode (Hs-mode) master code (0000 1xx)
The last bit of the first byte defines the operation to be performed. When set to logic 1 a
read is selected, while a logic 0 selects a write operation.
When AD1 and AD0 are held to VDD or VSS, the same address as the PCF8575 is applied.
SCL
22
19
serial clock line input
SDA
23
20
serial data line input/output
VDD
24
21
supply voltage
Table 2.
Pin description …continued
Symbol
Pin
Description
SO24, SSOP24,
TSSOP24, DHVQFN24
HVQFN24
Fig 9.
PCA9673 address
R/W
002aab636
A6
A5
A4
A3
A2
A1
A0
programmable
slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com