Electronic Components Datasheet Search
  English  ▼

X  

PCA9673DB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9673DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9673DB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9673DB Datasheet HTML 7Page - NXP Semiconductors PCA9673DB Datasheet HTML 8Page - NXP Semiconductors PCA9673DB Datasheet HTML 9Page - NXP Semiconductors PCA9673DB Datasheet HTML 10Page - NXP Semiconductors PCA9673DB Datasheet HTML 11Page - NXP Semiconductors PCA9673DB Datasheet HTML 12Page - NXP Semiconductors PCA9673DB Datasheet HTML 13Page - NXP Semiconductors PCA9673DB Datasheet HTML 14Page - NXP Semiconductors PCA9673DB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
11 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
first data byte is acknowledged by the PCA9673, the second data byte P17 to P10 is sent
by the master. Once again, the PCA9673 acknowledges the receipt of the data. Each 8-bit
data is presented on the port lines after it has been acknowledged by the PCA9673.
The number of data bytes that can be sent successively is not limited. After every two
bytes, the previous data is overwritten.
The first data byte in every pair refers to Port 0 (P07 to P00), whereas the second data
byte in every pair refers to Port 1 (P17 to P10). See Figure 15.
8.3 Reading from a port (Input mode)
All ports programmed as input should be set to logic 1. To read, the master
(microcontroller) first addresses the slave device after it receives the interrupt. By setting
the last bit of the byte containing the slave address to logic 1 the Read mode is entered.
The data bytes that follow on the SDA are the values on the ports. If the data on the input
port changes faster than the master can read, this data may be lost.
Fig 15. Correlation between bits and ports
A
002aab634
06
05
04
03
02
01
00
first byte
07
P06 P05 P04 P03 P02 P01 P00
P07
A
16
15
14
13
12
11
10
second byte
17
P16 P15 P14 P13 P12 P11 P10
P17
Fig 16. Write mode (output)
A5 A4 A3 A2 A1 A0
0
A
SA6
slave address
START condition
R/W
acknowledge
from slave
002aab632
P
06
1
P
07
data to port 0
A
acknowledge
from slave
12345678
SCL
9
SDA
A
acknowledge
from slave
write to port
data output from port
tv(Q)
P05
data to port 1
data A0 and B0 valid
P16 output voltage
Itrt(pu)
IOH
td(rst)
P16 pull-up output current
INT
P
04
P
03
P
02
P
01
P
00
P
17
P
14
P
13
P
12
P
11
P
10
1
P16
P
15
tv(Q)
data A0 and B0 valid
P05 output voltage
Itrt(pu)
IOH
P05 pull-up output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com