Electronic Components Datasheet Search
  English  ▼

X  

PCA9673DB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9673DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9673DB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9673DB Datasheet HTML 10Page - NXP Semiconductors PCA9673DB Datasheet HTML 11Page - NXP Semiconductors PCA9673DB Datasheet HTML 12Page - NXP Semiconductors PCA9673DB Datasheet HTML 13Page - NXP Semiconductors PCA9673DB Datasheet HTML 14Page - NXP Semiconductors PCA9673DB Datasheet HTML 15Page - NXP Semiconductors PCA9673DB Datasheet HTML 16Page - NXP Semiconductors PCA9673DB Datasheet HTML 17Page - NXP Semiconductors PCA9673DB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
14 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
8.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9673 in
a reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the PCA9673 registers and I2C-bus/SMBus state machine will initialize to their default
states. Thereafter VDD must be lowered below 0.2 V to reset the device.
8.5 Interrupt output (INT)
The PCA9673 provides an open-drain interrupt (INT) which can be fed to a corresponding
input of the microcontroller (see Figure 17, Figure 18, and Figure 19). This gives these
chips a kind of master function which can initiate an action elsewhere in the system.
An interrupt is generated by any rising or falling edge of the port inputs. After time t(v)D the
signal INT is valid.
The interrupt disappears when data on the port is changed to the original setting or data is
read from or written to the device which has generated the interrupt.
In the write mode, the interrupt may become deactivated (HIGH) on the rising edge of the
write to port pulse. On the falling edge of the write to port pulse the interrupt is definitely
deactivated (HIGH).
The interrupt is reset in the read mode on the rising edge of the read from port pulse.
During the resetting of the interrupt itself, any changes on the I/Os may not generate an
interrupt. After the interrupt is reset any change in I/Os will be detected and transmitted as
an INT.
8.6 RESET input
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The
PCA9673 registers and I2C-bus state machine will be held in their default state until the
RESET input is once again HIGH.
Fig 19. Application of multiple PCA9673s with interrupt
002aac308
VDD
MICROCOMPUTER
INT
PCA9673
INT
PCA9673
INT
device 1
device 2
PCA9673
INT
device 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com