| Electronic Components Datasheet Search |
|
PCA9673DB Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9673DB Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 33 page ![]() PCA9673_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 1 February 2007 10 of 33 NXP Semiconductors PCA9673 Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset 8. I/O programming 8.1 Quasi-bidirectional I/O architecture The PCA9673’s 16 ports (see Figure 2) are entirely independent and can be used either as input or output ports. Input data is transferred from the ports to the microcontroller in the Read mode (see Figure 17). Output data is transmitted to the ports in the Write mode (see Figure 16). Every data transmission from the PCA9673 must consist of an even number of bytes, the first byte will be referred to as P07 to P00, and the second byte as P17 to P10. The third will be referred to as P07 to P00, and so on. This quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data directions. At power-on the I/Os are HIGH. In this mode only a current source (IOH) to VDD is active. An additional strong pull-up to VDD (Itrt(pu)) allows fast rising edges into heavily loaded outputs. These devices turn on when an output is written HIGH, and are switched off by the negative edge of SCL. The I/Os should be HIGH before being used as inputs. After power-on, as all the I/Os are set HIGH, all of them can be used as inputs. Any change in setting of the I/Os as either inputs or outputs can be done with the write mode. Remark: If a HIGH is applied to an I/O which has been written earlier to LOW, a large current (IOL) will flow to VSS. 8.2 Writing to the port (Output mode) To write, the master (microcontroller) first addresses the slave device. By setting the last bit of the byte containing the slave address to logic 0 the Write mode is entered. The PCA9673 acknowledges and the master sends the first data byte for P07 to P00. After the If more than 2 bytes are read, the slave device loops back to the first byte (manufacturer byte) and keeps sending data until the master generates a ‘no acknowledge’. Fig 14. Device ID field reading 002aac334 1 1 1 1 0 0 0 A S 1 device ID address START condition R/W acknowledge from one or several slave(s) A5 A4 A3 A2 A1 A0 X A6 A 1 1 1 1 0 0 1 1 device ID address A I2C-bus slave address of the device to be identified don't care acknowledge from slave to be identified acknowledge from slave to be identified R/W M6 M5 M4 M7 M2 M1 M0 M3 A acknowledge from master C5 C4 C3 C6 C1 C0 F5 C2 A acknowledge from master manufacturer name = 00000000 P3 P2 P1 F4 P0 R2 R1 R0 revision = 000 feature identification = 000100 A P STOP condition no acknowledge from master category identification = 0000001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |