Electronic Components Datasheet Search
  English  ▼

X  

PCF2113X Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2113X Datasheet HTML 19Page - NXP Semiconductors PCF2113X Datasheet HTML 20Page - NXP Semiconductors PCF2113X Datasheet HTML 21Page - NXP Semiconductors PCF2113X Datasheet HTML 22Page - NXP Semiconductors PCF2113X Datasheet HTML 23Page - NXP Semiconductors PCF2113X Datasheet HTML 24Page - NXP Semiconductors PCF2113X Datasheet HTML 25Page - NXP Semiconductors PCF2113X Datasheet HTML 26Page - NXP Semiconductors PCF2113X Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
23 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
8.15 Power-down mode
The chip can be put into Power-down mode by applying an external HIGH level to the
PD pin. In Power-down mode all static currents are switched off (no internal oscillator, no
bias level generation and all LCD outputs are internally connected to VSS).
During power-down, information in the RAMs and the chip state are preserved. Instruction
execution during power-down is possible when pin OSC is externally clocked.
8.16 Reset function
The PCF2113x automatically initializes (resets) when power is turned on. The chip
executes a reset sequence, including a ‘clear display’, requiring 165 oscillator cycles. After
the reset the chip has the state shown in Table 8.
Von(RMS) = 0.745Voper
Voff(RMS) = 0.333Voper
Fig 17. MUX 1:2 LCD waveforms; Icon mode (b)
mge998
frame n
+ 1
frame n
Voper
2/3Voper
1/3Voper
0
−1/3Voper
−2/3Voper
−Voper
Voper
2/3Voper
1/3Voper
0
−1/3Voper
−2/3Voper
−Voper
Voper
2/3Voper
1/3Voper
0
−1/3Voper
−2/3Voper
−Voper
state 3
COL 1
−
ROW 1 to 16
state 2
COL 2
−
ROW 17
state 1
COL 1
−
ROW 17
state 3 (OFF)
R17
R18
R1-16
state 1 (ON)
state 2 (OFF)
D
V
on
V
off
----------
2.23
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com