Electronic Components Datasheet Search
  English  ▼

X  

PCF2113X Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2113X Datasheet HTML 25Page - NXP Semiconductors PCF2113X Datasheet HTML 26Page - NXP Semiconductors PCF2113X Datasheet HTML 27Page - NXP Semiconductors PCF2113X Datasheet HTML 28Page - NXP Semiconductors PCF2113X Datasheet HTML 29Page - NXP Semiconductors PCF2113X Datasheet HTML 30Page - NXP Semiconductors PCF2113X Datasheet HTML 31Page - NXP Semiconductors PCF2113X Datasheet HTML 32Page - NXP Semiconductors PCF2113X Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
29 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
9.4.3 Bit B
The character indicated by the cursor blinks when B = 1. The cursor character blink is
displayed by switching between display characters and all dots on with a period of
approximately 1 s, with
Hz.
The cursor underline and the cursor character blink can be set to display simultaneously.
9.5 Cursor or display shift
‘Cursor/display shift’ moves the cursor position or the display to the right or left without
writing or reading display data. This function is used to correct a character or move the
cursor through the display. In 2-line displays, the cursor moves to the next line when it
passes the last position of the line. When the displayed data is shifted repeatedly all lines
shift at the same time; displayed characters do not shift into the next line.
The Address Counter (AC) content does not change if the only action performed is shift
display, but increments or decrements with the ‘cursor display shift’.
9.6 Function set
9.6.1 Bit DL (parallel mode only)
Sets interface data width. Data is sent or received in bytes (DB7 to DB0) when DL = 1 or
in two nibbles (DB7 to DB4) when DL = 0. When 4-bit width is selected, data is
transmitted in two cycles using the parallel bus. In a 4-bit application DB3 to DB0 should
be left open-circuit (internal pull-ups). Hence in the first ‘function set’ instruction after
power-on M, SL and H are set to logic 1. A second ‘function set’ must then be sent
(2 nibbles) to set M, SL and H to their required values.
‘Function set’ from the I2C-bus interface sets the DL bit to logic 1.
9.6.2 Bit M
Selects either 1 line
× 24 character display (M = 0) or 2 line × 12 character display (M = 1).
9.6.3 Bit SL
Selects MUX 1:9, 1 line
× 12 character display (independent of M and L). Only rows 1 to 8
and 17 are to be used. All other rows must be left open-circuit. The DDRAM map is the
same as in the 2 line
× 12 character display mode, however, the second line is not
displayed.
9.6.4 Bit H
When H = 0 the chip can be programmed via the standard 11 instruction codes used in
the PCF2116 and other LCD controllers.
When H = 1 the extended range of instructions will be used. These are mainly for
controlling the display configuration and the icons, as shown in Section 10.
9.7 Set CGRAM address
‘Set CGRAM address’ writes bits DB5 to DB0 of the CGRAM address ACG into the
address counter (A5h to A0h). Data can then be written to or read from the CGRAM.
f
blink
f
osc
104448
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com