| Electronic Components Datasheet Search |
|
PCF2113X Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113X Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 36 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers 11. Interfaces to microcontroller 11.1 Parallel interface The PCF2113x can send data in either two 4-bit operations or one 8-bit operation and can thus interface to 4-bit or 8-bit microcontrollers. In 8-bit mode data is transferred as 8-bit bytes using the 8 data lines DB7 to DB0. Three further control lines E, RS and R/W are required (see Section 7). In 4-bit mode data is transferred in two cycles of 4 bits each using pins DB7 to DB4 for the transaction. The higher order bits (corresponding to bits DB7 to DB4 in 8-bit mode) are sent in the first cycle and the lower order bits (corresponding to bits DB3 to DB0 in 8-bit mode) in the second cycle. Data transfer is complete after two 4-bit data transfers. It should be noted that two cycles are also required for the busy flag check. 4-bit operation is selected by instruction: see Figure 22, Figure 23 and Figure 24 for examples of bus protocol. In 4-bit mode, pins DB3 to DB0 must be left open-circuit. They are pulled up to VDD internally. Fig 22. 4-bit transfer example mga804 RS E DB7 R/W DB6 DB5 DB4 instruction write busy flag and address counter read data register read IR7 IR3 BF AC3 DR7 DR3 IR6 IR2 AC6 AC2 DR6 DR2 IR5 IR1 AC5 AC1 DR5 DR1 IR4 IR0 AC4 AC0 DR4 DR0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |