Electronic Components Datasheet Search
  English  ▼

X  

PCF2113X Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF2113X Datasheet HTML 36Page - NXP Semiconductors PCF2113X Datasheet HTML 37Page - NXP Semiconductors PCF2113X Datasheet HTML 38Page - NXP Semiconductors PCF2113X Datasheet HTML 39Page - NXP Semiconductors PCF2113X Datasheet HTML 40Page - NXP Semiconductors PCF2113X Datasheet HTML 41Page - NXP Semiconductors PCF2113X Datasheet HTML 42Page - NXP Semiconductors PCF2113X Datasheet HTML 43Page - NXP Semiconductors PCF2113X Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
40 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
11.2.2 Definitions
• Transmitter: the device that sends the data to the bus
• Receiver: the device that receives the data from the bus
• Master: the device that initiates and terminates a transfer and generates clock signals
• Slave: the device addressed by a master
• Multi-master: more than one master can attempt to control the bus at the same time
without corrupting the message
• Arbitration: procedure to ensure that if more than one master simultaneously tries to
control the bus, only one is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock signals of two or more devices
Fig 29. Bit transfer
Fig 30. Definition of START and STOP conditions
Fig 31. Acknowledgement on the I2C-bus
mbc621
data line
stable;
data valid
change
of data
allowed
SDA
SCL
mbc622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com