Electronic Components Datasheet Search
  English  ▼

X  

PCF8531U Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 18Page - NXP Semiconductors PCF8531U Datasheet HTML 19Page - NXP Semiconductors PCF8531U Datasheet HTML 20Page - NXP Semiconductors PCF8531U Datasheet HTML 21Page - NXP Semiconductors PCF8531U Datasheet HTML 22Page - NXP Semiconductors PCF8531U Datasheet HTML 23Page - NXP Semiconductors PCF8531U Datasheet HTML 24Page - NXP Semiconductors PCF8531U Datasheet HTML 25Page - NXP Semiconductors PCF8531U Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
22 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
The practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast.
As the programming range for the internally generated VLCD allows values above the
maximum allowed VLCD, the user must ensure, while setting the VOP register and
selecting the temperature compensation, that the VLCD limit maximum of 9.0 V is never
exceeded under all conditions and including all tolerances.
9.10 Voltage multiplier control S[1:0]
The PCF8531 incorporates a software configurable voltage multiplier. After reset (internal
or external), the voltage multiplier is set to 2
× V
DD2. The voltage multiplier factors are set
by setting bits S[1:0] (see Table 13).
9.11 Temperature compensation
Due to the temperature dependency of the liquid crystal’s viscosity, the LCD controlling
voltage VLCD should usually be increased at lower temperatures to maintain optimum
contrast. Figure 12 shows VLCD for high multiplex rates.
Table 10.
Parameter values for the HV generator programming
Symbol
Value
Unit
PRS = 0
PRS = 1
Tints
27
27
°C
a
2.94
6.75
V
b
0.03
0.03
V
Programming range
2.94 to 6.75
6.75 to 10.56
V
VOP[6:0] (programmed) [00h to 7Fh] program range LOW to HIGH
Fig 11. VLCD programming of PCF8531
mgl935
00
01
02
a
VLCD
03
04
05
06
. . . 7D
7E
7F
00
01
02
03
04
05
06
. . . 5F
6F
7F
b
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com