Electronic Components Datasheet Search
  English  ▼

X  

PCF8531U Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 23Page - NXP Semiconductors PCF8531U Datasheet HTML 24Page - NXP Semiconductors PCF8531U Datasheet HTML 25Page - NXP Semiconductors PCF8531U Datasheet HTML 26Page - NXP Semiconductors PCF8531U Datasheet HTML 27Page - NXP Semiconductors PCF8531U Datasheet HTML 28Page - NXP Semiconductors PCF8531U Datasheet HTML 29Page - NXP Semiconductors PCF8531U Datasheet HTML 30Page - NXP Semiconductors PCF8531U Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
27 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
• Multi-master: more than one master can attempt to control the bus at the same time
without corrupting the message
• Arbitration: procedure to ensure that, if more than one master simultaneously tries to
control the bus, only one is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock signals of two or more devices.
11.1.4 Acknowledge
Acknowledge on the I2C-bus is shown in Figure 17. Each byte of eight bits is followed by
an acknowledge bit. The acknowledge bit is a HIGH signal put on the bus by the
transmitter, during which time the master generates an extra acknowledge related clock
pulse. A slave receiver addressed must generate an acknowledge after the reception of
each byte.
Also, a master receiver must generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter. The device that acknowledges must
pull-down the SDA line during the acknowledge clock pulse so that the SDA line is stable
LOW during the HIGH period of the acknowledge-related clock pulse (set-up and hold
times must be taken into consideration). A master receiver must signal an “end of data” to
the transmitter by not generating an acknowledge on the last byte that has been clocked
out of the slave. In this event, the transmitter must leave the data line HIGH to enable the
master to generate a STOP condition.
Fig 16. System configuration
mga807
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
SLAVE
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
MASTER
TRANSMITTER/
RECEIVER
Fig 17. Acknowledge on the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com