Electronic Components Datasheet Search
  English  ▼

X  

PCF8531U Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 27Page - NXP Semiconductors PCF8531U Datasheet HTML 28Page - NXP Semiconductors PCF8531U Datasheet HTML 29Page - NXP Semiconductors PCF8531U Datasheet HTML 30Page - NXP Semiconductors PCF8531U Datasheet HTML 31Page - NXP Semiconductors PCF8531U Datasheet HTML 32Page - NXP Semiconductors PCF8531U Datasheet HTML 33Page - NXP Semiconductors PCF8531U Datasheet HTML 34Page - NXP Semiconductors PCF8531U Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
31 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
[1]
As the programming range for the internally generated VLCD allows values above the maximum allowed VLCD, the user must ensure,
while setting the VOP register and selecting the temperature compensation, that the VLCD maximum limit of 9 V will never be exceeded
under all conditions and including all tolerances.
[2]
LCD outputs are open circuit, inputs at VDD or VSS; bus inactive.
[3]
VDD1 to VDD3 = 2.85 V; VLCD = 7.0 V; voltage multiplier = 3 × VDD; fosc = 34 kHz.
[4]
VDD1 to VDD3 = 2.75 V; VLCD = 9.0 V; fosc = 34 kHz.
[5]
VDD1 to VDD3 = 2.75 V; VLCD = 3.5 V; fosc = 34 kHz.
[6]
Resets all logic when VDD1 < VPOR.
[7]
Iload ≤ 50 µA; outputs are tested one at a time.
[8]
VLCD ≤ 7.7 V.
IDD
supply current
Power-down mode; internal VLCD
-2
10
µA
normal mode; internal VLCD
[2][3] -
170
350
µA
normal mode; external VLCD
[2] -10
50
µA
IDD(LCD)
LCD supply current
normal mode; external VLCD
[2][4] -
25
100
µA
icon mode; external VLCD
[2][5] -15
70
µA
VPOR
power-on reset voltage
[6] 0.9
1.2
1.6
V
Logic
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD
V
IOL(SDA)
LOW-level output current
on pin SDA
VOL = 0.4 V; VDD = 5.0 V
3.0
-
-
mA
ILI
input leakage current
VI = VDD or VSS
−1-
+1
µA
Column and row outputs
RO
output resistance
column outputs: C0 to C127
[7] -
1220k
Ω
row outputs: R0 to R33
-
12
20
k
Ω
∆Vbias
bias voltage variation
outputs R0 to R33 and C0 to
C127
−100
0
+100
mV
∆VLCD
LCD voltage variation
TC1 to TC7
[8] --
±3.9
%
TC
temperature coefficient
Tamb = −20 °C to +70 °C
TC0; TC[2:0] = 000
-
0
-
%/K
TC1; TC[2:0] = 001
-
−0.026
-
%/K
TC2; TC[2:0] = 010
-
−0.039
-
%/K
TC3; TC[2:0] = 011
-
−0.052
-
%/K
TC4; TC[2:0] = 100
-
−0.078
-
%/K
TC5; TC[2:0] = 101
-
−0.13
-
%/K
TC6; TC[2:0] = 110
-
−0.19
-
%/K
TC7; TC[2:0] = 111
-
−0.26
-
%/K
Tints
intersection temperature
-
27
-
°C
Table 15.
Static characteristics …continued
VDD1 = 1.8 V (1.9 V) to 5.5 V; VDD2 and VDD3 = 2.5 V to 4.5 V; VSS1 =VSS2 =0V; VDD1 to VDD3 ≤ VLCD ≤ 9.0 V; Tamb = −40 °C
to +85
°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com