Electronic Components Datasheet Search
  English  ▼

X  

PCF8531U Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 24Page - NXP Semiconductors PCF8531U Datasheet HTML 25Page - NXP Semiconductors PCF8531U Datasheet HTML 26Page - NXP Semiconductors PCF8531U Datasheet HTML 27Page - NXP Semiconductors PCF8531U Datasheet HTML 28Page - NXP Semiconductors PCF8531U Datasheet HTML 29Page - NXP Semiconductors PCF8531U Datasheet HTML 30Page - NXP Semiconductors PCF8531U Datasheet HTML 31Page - NXP Semiconductors PCF8531U Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
28 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
11.2 I2C-bus protocol
This driver does not support ‘read’. The PCF8531 is a slave receiver. Therefore, it only
responds when R/W = 0 in the slave address byte.
Before any data is transmitted on the I2C-bus, the device that must respond is addressed
first. Two 7-bit slave addresses (011 1100 and 011 1101) are reserved for the PCF8531.
The least significant bit of the slave address is set by connecting the input SA0 to either
logic 0 (VSS) or logic 1 (VDD).
The I2C-bus protocol is shown in Figure 18.
The sequence is initiated with a START condition (S) from the I2C-bus master, and is
followed by the slave address. All slaves with the corresponding address acknowledge in
parallel, all others ignore the I2C-bus transfer. After acknowledgement, one or more
command words follow, which define the status of the addressed slaves. A command
word consists of a control byte, which defines Co and RS, plus a data byte (see Figure 19
and Table 11).
The last control byte is tagged with a cleared most significant bit, the continuation bit Co.
The control and data bytes are also acknowledged by all addressed slaves on the bus.
After the last control byte, depending on the RS bit setting, either a series of display data
bytes or command data bytes may follow. If the RS bit was set to logic 1, these display
bytes are stored in the display RAM at the address specified by the data pointer.
The data pointer is automatically updated and the data is directed to the intended
PCF8531 device. If the RS bit of the last control byte was set to logic 0, these command
bytes will be decoded and the setting of the device will be changed according to the
received commands. The acknowledgement after each byte is made only by the
addressed PCF8531. At the end of the transmission, the I2C-bus master issues a STOP
condition (P).
Fig 18. Slave address and control byte
mgs474
S
011110
SA0
A
slave address
R/W
Co
RS
XXXXXX
control byte
Fig 19. Master transmits to slave receiver; write mode
mgs475
S 011110
S
A
0
0A
acknowledge
from PCF8531
acknowledge
from PCF8531
acknowledge
from PCF8531
acknowledge
from PCF8531
acknowledge
from PCF8531
1
control byte
A
data byte
data byte
n
≥ 0 bytes
1 byte
slave address
MSB . . . . . . . . . . . LSB
2n
≥ 0 bytes
A
Co
Co
0A
A P
RS
R/W
control byte
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com