Electronic Components Datasheet Search
  English  ▼

X  

PCF8566P Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566P Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8566P Datasheet HTML 33Page - NXP Semiconductors PCF8566P Datasheet HTML 34Page - NXP Semiconductors PCF8566P Datasheet HTML 35Page - NXP Semiconductors PCF8566P Datasheet HTML 36Page - NXP Semiconductors PCF8566P Datasheet HTML 37Page - NXP Semiconductors PCF8566P Datasheet HTML 38Page - NXP Semiconductors PCF8566P Datasheet HTML 39Page - NXP Semiconductors PCF8566P Datasheet HTML 40Page - NXP Semiconductors PCF8566P Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
37 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
14. Package outline
Fig 29. Package outline SOT129-1 (DIP40)
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT129-1
99-12-27
03-02-13
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.70
1.14
0.53
0.38
0.36
0.23
52.5
51.5
14.1
13.7
3.60
3.05
0.254
2.54
15.24
15.80
15.24
17.42
15.90
2.25
4.7
0.51
4
0.067
0.045
0.021
0.015
0.014
0.009
2.067
2.028
0.56
0.54
0.14
0.12
0.01
0.1
0.6
0.62
0.60
0.69
0.63
0.089
0.19
0.02
0.16
051G08
MO-015
SC-511-40
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
40
1
21
20
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
(1)
(1)
(1)
DIP40: plastic dual in-line package; 40 leads (600 mil)
SOT129-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com