Electronic Components Datasheet Search
  English  ▼

X  

PCF8566TS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8566TS
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566TS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8566TS Datasheet HTML 16Page - NXP Semiconductors PCF8566TS Datasheet HTML 17Page - NXP Semiconductors PCF8566TS Datasheet HTML 18Page - NXP Semiconductors PCF8566TS Datasheet HTML 19Page - NXP Semiconductors PCF8566TS Datasheet HTML 20Page - NXP Semiconductors PCF8566TS Datasheet HTML 21Page - NXP Semiconductors PCF8566TS Datasheet HTML 22Page - NXP Semiconductors PCF8566TS Datasheet HTML 23Page - NXP Semiconductors PCF8566TS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
20 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
An additional feature is for an arbitrary selection of LCD segments to be blinked. This
applies to the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. Using the output bank selector, the displayed RAM banks are
exchanged with alternate RAM banks at the blinking frequency. This mode can also be
specified by the blink select command.
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD segments can be blinked by selectively changing the display RAM data at fixed time
intervals.
If the entire display needs to be blinked at a frequency other than the nominal blinking
frequency, this can be done using the mode set command to set and reset the display
enable bit E at the required rate (see Table 9).
8.
Basic architecture
8.1 Characteristics of the I2C-bus
The I2C-bus provides bidirectional, two-line communication between different IC or
modules. The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). When
connected to the output stages of a device, both lines must be connected to a positive
supply via a pull-up resistor. Data transfer is initiated only when the bus is not busy.
8.1.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse. Changes in the data line at this time will
be interpreted as a control signal. Bit transfer is illustrated in Figure 12.
Table 7.
Blink frequencies
Blinking mode
Normal operating
mode ratio
Power saving mode
ratio
Blink frequency
off
-
-
blinking off
1
2 Hz
2
1 Hz
3
0.5 Hz
f
blink
f
clk
92160
----------------
=
f
blink
f
elk
15360
----------------
=
f
blink
f
clk
184320
--------------------
=
f
blink
f
clk
30720
----------------
=
f
blink
f
clk
368640
--------------------
=
f
blink
f
clk
61440
----------------
=
Fig 12. Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com