Electronic Components Datasheet Search
  English  ▼

X  

PCF8566TS Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8566TS
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566TS Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8566TS Datasheet HTML 21Page - NXP Semiconductors PCF8566TS Datasheet HTML 22Page - NXP Semiconductors PCF8566TS Datasheet HTML 23Page - NXP Semiconductors PCF8566TS Datasheet HTML 24Page - NXP Semiconductors PCF8566TS Datasheet HTML 25Page - NXP Semiconductors PCF8566TS Datasheet HTML 26Page - NXP Semiconductors PCF8566TS Datasheet HTML 27Page - NXP Semiconductors PCF8566TS Datasheet HTML 28Page - NXP Semiconductors PCF8566TS Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
25 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
[1]
The possibility to disable the display allows implementation of blinking under external control.
8.3.2 Load data pointer command
8.3.3 Device select command
8.3.4 Bank select command
[1]
The bank select command has no effect in 1:3 or 1:4 multiplex drive modes.
Table 10.
LCD bias configuration command bit description
LCD bias
Bit B
1
⁄
3 bias
0
1
⁄
2 bias
1
Table 11.
Display status command bit description[1]
Display status
Bit E
disabled (blank)
0
enabled
1
Table 12.
Power dissipation mode command bit description
Display status
Bit LP
normal mode
0
power saving mode
1
Table 13.
Load data pointer command bit description
Description
Bit
5 bit binary value, 0 to 23
P4
P3
P2
P1
P0
Table 14.
Device select command bit description
Description
Bit
3 bit binary value, 0 to 7
A2
A1
A0
Table 15.
Bank select command[1]
Bank
Mode
Bit
Value
Static
1:2 MUX
Input bank
RAM bit 0
RAM bits 0 and 1
I
0
RAM bit 2
RAM bits 2 and 3
1
Output bank
RAM bit 0
RAM bits 0 and 1
O
0
RAM bit 2
RAM bits 2 and 3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com