Electronic Components Datasheet Search
  English  ▼

X  

PCF8566TS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8566TS
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566TS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8566TS Datasheet HTML 23Page - NXP Semiconductors PCF8566TS Datasheet HTML 24Page - NXP Semiconductors PCF8566TS Datasheet HTML 25Page - NXP Semiconductors PCF8566TS Datasheet HTML 26Page - NXP Semiconductors PCF8566TS Datasheet HTML 27Page - NXP Semiconductors PCF8566TS Datasheet HTML 28Page - NXP Semiconductors PCF8566TS Datasheet HTML 29Page - NXP Semiconductors PCF8566TS Datasheet HTML 30Page - NXP Semiconductors PCF8566TS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
27 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
10. Limiting values
[1]
Values with respect to VDD.
[2]
According to the NXP store and transport conditions (document
SNW-SQ-623) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
[3]
Pass level; Human Body Model (HBM) according to JESD22-A114.
[4]
Pass level; Machine Model (MM), according to JESD22-A115.
[5]
Pass level; latch-up testing, according to JESD78.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
7.0
V
VLCD
LCD supply voltage
[1]
−0.5
7.0
V
VI
input voltage
on each of the pins SCL,
SDA, A0 to A2, OSC, CLK,
SYNC and SA0
−0.5
7.0
V
VO
output voltage
on each of the pins S0 to S23
and BP0 to BP3
[1]
−0.5
7.0
V
II
input current
−20
+20
mA
IO
output current
−25
+25
mA
IDD
supply current
−50
+50
mA
ISS
ground supply
current
−50
+50
mA
IDD(LCD)
LCD supply current
−50
+50
mA
Ptot
total power
dissipation
per package
-
400
mW
Po
output power
-
100
mW
Tstg
storage
temperature
[2]
−65
+150
°C
Vesd
electrostatic
discharge voltage
HBM
[3]
-
±2000
V
MM
[4]
-
±200
V
Ilu
latch-up current
[5]
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com