Electronic Components Datasheet Search
  English  ▼

X  

PCF8566TS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8566TS
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566TS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8566TS Datasheet HTML 20Page - NXP Semiconductors PCF8566TS Datasheet HTML 21Page - NXP Semiconductors PCF8566TS Datasheet HTML 22Page - NXP Semiconductors PCF8566TS Datasheet HTML 23Page - NXP Semiconductors PCF8566TS Datasheet HTML 24Page - NXP Semiconductors PCF8566TS Datasheet HTML 25Page - NXP Semiconductors PCF8566TS Datasheet HTML 26Page - NXP Semiconductors PCF8566TS Datasheet HTML 27Page - NXP Semiconductors PCF8566TS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
24 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
8.3 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. All available
commands carry a continuation bit C in their most significant bit position as shown in
Figure 18. When this bit is set, it indicates that the next byte of the transfer to arrive will
also represent a command. If this bit is reset, it indicates that the command byte is the last
in the transfer. Further bytes will be regarded as display data.
The five commands available to the PCF8566 are defined in Table 8.
8.3.1 Mode set command
(1) C = 0; last command.
(2) C = 1; commands continue.
Fig 18. General format of byte command
msa833
REST OF OPCODE
C
MSB
LSB
Table 8.
Definition of PCF8566 commands
Command
Opcode
Reference
Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Mode set
C
1
0
LP
E
B
M1
M0
Section 8.3.1 defines LCD drive mode, LCD bias
configuration, display status and
power dissipation mode
Load data
pointer
C
0
0
P4P3P2P1P0
Section 8.3.2 data pointer to define one of 24
display RAM addresses
Device select
C
1100A2
A1
A0
Section 8.3.3 define one of eight hardware
subaddresses
Bank select
C
11110I
O
Section 8.3.4 bit I: defines input bank selection
(storage of arriving display data);
bit O: defines output bank selection
(retrieval of LCD display data)
Blink
C
1110A
BF1
BF0
Section 8.3.5 defines the blink frequency and blink
mode
Table 9.
LCD drive mode command bit description
LCD drive mode
Bit
Drive mode
Backplane
M1
M0
static
BP0
0
1
1:2
BP0, BP1
1
0
1:3
BP0, BP1. BP2
1
1
1:4
BP0, BP1. BP2, BP3
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com