Electronic Components Datasheet Search
  English  ▼

X  

PDTA124XM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTA124XM
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124XM Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTA124XM Datasheet HTML 1Page - NXP Semiconductors PDTA124XM Datasheet HTML 2Page - NXP Semiconductors PDTA124XM Datasheet HTML 3Page - NXP Semiconductors PDTA124XM Datasheet HTML 4Page - NXP Semiconductors PDTA124XM Datasheet HTML 5Page - NXP Semiconductors PDTA124XM Datasheet HTML 6Page - NXP Semiconductors PDTA124XM Datasheet HTML 7Page - NXP Semiconductors PDTA124XM Datasheet HTML 8Page - NXP Semiconductors PDTA124XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PDTA124X_SER_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 September 2009
3 of 12
NXP Semiconductors
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9)
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTA124XE
SC-75
plastic surface mounted package; 3 leads
SOT416
PDTA124XEF
SC-89
plastic surface mounted package; 3 leads
SOT490
PDTA124XK
SC-59A
plastic surface mounted package; 3 leads
SOT346
PDTA124XM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
PDTA124XS[1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PDTA124XT
-
plastic surface mounted package; 3 leads
SOT23
PDTA124XU
SC-70
plastic surface mounted package; 3 leads
SOT323
Table 5.
Marking codes
Type number
Marking code[1]
PDTA124XE
31
PDTA124XEF
31
PDTA124XK
44
PDTA124XM
DK
PDTA124XS
TA124X
PDTA124XT
*47
PDTA124XU
*44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com