Electronic Components Datasheet Search
  English  ▼

X  

PDTA124XM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTA124XM
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124XM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDTA124XM Datasheet HTML 2Page - NXP Semiconductors PDTA124XM Datasheet HTML 3Page - NXP Semiconductors PDTA124XM Datasheet HTML 4Page - NXP Semiconductors PDTA124XM Datasheet HTML 5Page - NXP Semiconductors PDTA124XM Datasheet HTML 6Page - NXP Semiconductors PDTA124XM Datasheet HTML 7Page - NXP Semiconductors PDTA124XM Datasheet HTML 8Page - NXP Semiconductors PDTA124XM Datasheet HTML 9Page - NXP Semiconductors PDTA124XM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PDTA124X_SER_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 September 2009
6 of 12
NXP Semiconductors
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
VCE = −5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
VCE = −0.3 V
(1) Tamb = −40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
VCE = −5 V
(1) Tamb = −40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig 3.
On-state input voltage as a function of
collector current; typical values
Fig 4.
Off-state input voltage as a function of
collector current; typical values
IC (mA)
−10−1
−102
−10
−1
006aaa198
102
10
103
hFE
1
(1)
(3)
(2)
006aaa199
IC (mA)
−10−1
−102
−10
−1
−102
−103
VCEsat
(mV)
−10
(1)
(2)
(3)
006aaa200
IC (mA)
−10−1
−102
−10
−1
−103
−104
VI(on)
(mV)
−102
(1)
(2)
(3)
006aaa201
IC (mA)
−10−2
−10
−1
−10−1
−103
−104
VI(off)
(mV)
−102
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com