Electronic Components Datasheet Search
  English  ▼

X  

PDTA124XM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA124XM
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124XM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA124XM Datasheet HTML 1Page - NXP Semiconductors PDTA124XM Datasheet HTML 2Page - NXP Semiconductors PDTA124XM Datasheet HTML 3Page - NXP Semiconductors PDTA124XM Datasheet HTML 4Page - NXP Semiconductors PDTA124XM Datasheet HTML 5Page - NXP Semiconductors PDTA124XM Datasheet HTML 6Page - NXP Semiconductors PDTA124XM Datasheet HTML 7Page - NXP Semiconductors PDTA124XM Datasheet HTML 8Page - NXP Semiconductors PDTA124XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PNP Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2)
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
Rev. 08 — 3 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
JEDEC
PDTA124XE
SOT416
SC-75
-
PDTC124XE
PDTA124XEF
SOT490
SC-89
-
PDTC124XEF
PDTA124XK
SOT346
SC-59A
TO-236
PDTC124XK
PDTA124XM
SOT883
SC-101
-
PDTC124XM
PDTA124XS[1]
SOT54
SC-43A
TO-92
PDTC124XS
PDTA124XT
SOT23
-
TO-236AB
PDTC124XT
PDTA124XU
SOT323
SC-70
-
PDTC124XU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I 100 mA output current capability
I Digital applications
I Cost-saving alternative for BC857 series
in digital applications
I Controlling IC inputs
I Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6


Similar Part No. - PDTA124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124XM PHILIPS-PDTA124XM Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA124XM NEXPERIA-PDTA124XM Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTA124XMB NEXPERIA-PDTA124XMB Datasheet
747Kb / 12P
PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
More results

Similar Description - PDTA124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com